Electronic Components Datasheet Search
  English  ▼

X  

TLE4205G Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4205G
Description  1-A DC Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4205G Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4205G Datasheet HTML 6Page - Infineon Technologies AG TLE4205G Datasheet HTML 7Page - Infineon Technologies AG TLE4205G Datasheet HTML 8Page - Infineon Technologies AG TLE4205G Datasheet HTML 9Page - Infineon Technologies AG TLE4205G Datasheet HTML 10Page - Infineon Technologies AG TLE4205G Datasheet HTML 11Page - Infineon Technologies AG TLE4205G Datasheet HTML 12Page - Infineon Technologies AG TLE4205G Datasheet HTML 13Page - Infineon Technologies AG TLE4205G Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Data Sheet
11
2015-01-19
TLE4205G
Forward Voltage of the Free-Wheeling
Diodes versus Junction Temperature
Saturation Voltage versus Junction
Temperature
Start Point of the SOA-Protection
Circuit versus Junction Temperature
Current Consumption versus
Junction Temperature
FU
V
IED00955
V
T
J
F
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
V
120
80
40
0
-40
0
˚C
Ι
F = 0.6 A
V
FL
S
V
0
-40
0
40
80
120
V
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Sat
J
T
V
IED00957
I
Q
˚C
V
V
Sat U
Sat L
= 600 mA
= 13.5 V
0.8
= 13.5 V
IED00956
I
T
J
2.4
2.0
1.6
0.4
1.2
A
120
80
40
0
-40
0
V
S
˚C
= 13.5 V
IED00958
I
T
J
mA
120
80
40
0
-40
0
V
S
2
4
6
8
10
12
14
16
18
S
˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com