Electronic Components Datasheet Search
  English  ▼

X  

MIC911 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC911
Description  105MHz Low-Power SOT-23-5 Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC911 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC911 Datasheet HTML 1Page - Micrel Semiconductor MIC911 Datasheet HTML 2Page - Micrel Semiconductor MIC911 Datasheet HTML 3Page - Micrel Semiconductor MIC911 Datasheet HTML 4Page - Micrel Semiconductor MIC911 Datasheet HTML 5Page - Micrel Semiconductor MIC911 Datasheet HTML 6Page - Micrel Semiconductor MIC911 Datasheet HTML 7Page - Micrel Semiconductor MIC911 Datasheet HTML 8Page - Micrel Semiconductor MIC911 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
June 2000
1
MIC911
MIC911
Micrel
MIC911
105MHz Low-Power SOT-23-5 Op Amp
General Description
The MIC911 is a high-speed operational amplifier which is
unity gain stable regardless of resistive and capacitive load.
It provides a gain-bandwidth product of 105MHz, a very low
1.25mA supply current, and features the Ittybitty™ SOT-23-5
package.
Supply voltage range is from
±2.5V to ±9V, allowing the
MIC911 to be used in low-voltage circuits or applications
requiring large dynamic range.
The MIC911 is stable driving any capacitative load and
achieves excellent PSRR and CMRR, making it much easier
to use than most conventional high-speed devices. Low
supply voltage, low power consumption, and small packing
make the MIC911 ideal for portable equipment. The ability to
drive capacitative loads also makes it possible to drive long
coaxial cables.
Features
• 105MHz gain bandwidth product
• 1.25mA supply current
• Unconditionally unity gain stable
• Drives any capacitive load
• SOT-23-5 package
• 120V/
µs slew rate
• 112dB CMRR
• Stable with gain of +2 or –1
Applications
• Video
• Imaging
• Ultrasound
• Portable equipment
• Line drivers
• XDSL
Ordering Information
Part Number
Junction Temp. Range
Package
MIC911BM5
–40
°C to +85°C
SOT-23-5
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
Pin Description
Pin Number
Pin Name
Pin Function
1
OUT
Output: Amplifier Output
2
V+
Positive Supply (Input)
3
IN+
Noninverting Input
4
IN–
Inverting Input
5
V–
Negative Supply (Input)
Pin Configuration
OUT
V+
IN–
IN+
1
3
45
2
V–
A22
Part
Identification
SOT-23-5
Functional Pinout
OUT
V+
IN–
IN+
1
3
45
2
V–
SOT-23-5


Similar Part No. - MIC911

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC911BM5 MICREL-MIC911BM5 Datasheet
561Kb / 13P
105MHz Low-Power SOT23-5 Op Amp
MIC911YM5 MICREL-MIC911YM5 Datasheet
561Kb / 13P
105MHz Low-Power SOT23-5 Op Amp
MIC911 MICREL-MIC911_07 Datasheet
561Kb / 13P
105MHz Low-Power SOT23-5 Op Amp
More results

Similar Description - MIC911

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC910 MICREL-MIC910 Datasheet
552Kb / 12P
135MHz Low-Power SOT-23-5 Op Amp
MIC912 MICREL-MIC912 Datasheet
554Kb / 12P
200MHz Low-Power SOT-23-5 Op Amp
MIC913 MICREL-MIC913 Datasheet
180Kb / 12P
350MHz Low-Power SOT-23-5 Op Amp
MIC914 MICREL-MIC914 Datasheet
201Kb / 12P
160MHz Low-Power SOT-23-5 Op Amp
MIC918 MICREL-MIC918 Datasheet
47Kb / 7P
51MHz Low-Power SOT-23-5/SC-70 Op Amp
MIC919 MICREL-MIC919 Datasheet
47Kb / 7P
27MHz Low-Power SOT-23-5/SC-70 Op Amp
logo
Global Mixed-mode Techn...
G1213 GMT-G1213 Datasheet
148Kb / 6P
Low power, Single, SOT-23-5, Rail-to-rail OP Amp
logo
Micrel Semiconductor
MIC910 MICREL-MIC910_01 Datasheet
135Kb / 12P
135MHz Low-Power SOT-23-5 Op Amp
MIC911 MICREL-MIC911_07 Datasheet
561Kb / 13P
105MHz Low-Power SOT23-5 Op Amp
MIC910 MICREL-MIC910_14 Datasheet
2Mb / 14P
135MHz, Low-Power SOT-23-5 Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com