Electronic Components Datasheet Search
  English  ▼

X  

DRV600RTJR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DRV600RTJR
Description  DIRECTPATH??STEREO LINE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV600RTJR Datasheet(HTML) 2 Page - Texas Instruments

  DRV600RTJR Datasheet HTML 1Page - Texas Instruments DRV600RTJR Datasheet HTML 2Page - Texas Instruments DRV600RTJR Datasheet HTML 3Page - Texas Instruments DRV600RTJR Datasheet HTML 4Page - Texas Instruments DRV600RTJR Datasheet HTML 5Page - Texas Instruments DRV600RTJR Datasheet HTML 6Page - Texas Instruments DRV600RTJR Datasheet HTML 7Page - Texas Instruments DRV600RTJR Datasheet HTML 8Page - Texas Instruments DRV600RTJR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ti.com
15
14
13
12
11
5
4
3
2
1
C1P
PGND
C1N
NC
PVSS
INR
SDR
INL
NC
OUTR
NC − Nointernalconnection
DRV600RTJ
DRV600
SLOS536 – JUNE 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
RTJ (QFN) PACKAGE
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
QFN
C1P
1
I/O
Charge pump flying capacitor positive terminal
PGND
2
I
Power ground, connect to ground.
C1N
3
I/O
Charge pump flying capacitor negative terminal
NC
4, 6, 8, 12, 16, 20
No connection
PVSS
5
O
Output from charge pump.
SVSS
7
I
Amplifier negative supply, connect to PVSS via star connection.
OUTL
9
O
Left audio channel output signal
SVDD
10
I
Amplifier positive supply, connect to PVDD via star connection.
OUTR
11
O
Right audio channel output signal
INL
13
I
Left audio channel input signal
SDR
14
I
Right channel shutdown, active low logic.
INR
15
I
Right audio channel input signal
SGND
17
I
Signal ground, connect to ground.
SDL
18
I
Left channel shutdown, active low logic.
PVDD
19
I
Supply voltage, connect to positive supply.
Exposed Pad
Exposed pad must be soldered to a floating plane. Do NOT connect to power or ground.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com