Electronic Components Datasheet Search
  English  ▼

X  

TLE8458G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE8458G
Description  LIN Transceiver with integrated Voltage Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8458G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE8458G Datasheet HTML 2Page - Infineon Technologies AG TLE8458G Datasheet HTML 3Page - Infineon Technologies AG TLE8458G Datasheet HTML 4Page - Infineon Technologies AG TLE8458G Datasheet HTML 5Page - Infineon Technologies AG TLE8458G Datasheet HTML 6Page - Infineon Technologies AG TLE8458G Datasheet HTML 7Page - Infineon Technologies AG TLE8458G Datasheet HTML 8Page - Infineon Technologies AG TLE8458G Datasheet HTML 9Page - Infineon Technologies AG TLE8458G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TLE8458
General Product Characteristics
Data Sheet
6
Rev. 1.1, 2014-04-01
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Notes
1. Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2. Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are not
designed for continuous repetitive operation.
Table 2
Absolute Maximum Ratings 1)
All voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
1) Not subject to production test; specified by design.
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Voltages
Supply Voltage on
V
S pin
V
S
-0.3
–
40
V
LIN2.1 Param 11 P_4.1.1
Input Voltage on LIN, WK pin versus
GND
V
LIN,G
-40
–
40
V
–
P_4.1.2
Logic Voltages at EN, TxD, RxD pin
V
L,max
-0.3
–
5.5
V
–
P_4.1.3
Output Voltage at
V
CC pin
V
CC
-0.3
–
5.5
V
Static
P_4.1.4
Temperatures
Junction Temperature
T
j
-40
–
150
°C
–
P_4.1.5
Storage Temperature
T
stg
-55
–
150
°C
–
P_4.1.6
ESD Resistivity
ESD all pins
V
ESD,HBM -2
–
2
kV
HBM2)
2) ESD susceptibility, HBM according to ANSI/ESDA/JEDEC JS-001 (1.5 kΩ, 100pF)
P_4.1.7
ESD
V
S, WK, LIN versus GND
V
ESD,HBM -8
–
8
kV
HBM2)
P_4.1.8
ESD Resistivity all pins versus GND
V
ESD,CDM -750
–
750
V
CDM3)
3) ESD susceptibility, Charged Device Model “CDM” EIA / JESD 22-C101 or ESDA STM5.3.1
P_4.1.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com