Electronic Components Datasheet Search
  English  ▼

X  

MIC915 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC915
Description  Dual 135MHz Low-Power Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC915 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC915 Datasheet HTML 1Page - Micrel Semiconductor MIC915 Datasheet HTML 2Page - Micrel Semiconductor MIC915 Datasheet HTML 3Page - Micrel Semiconductor MIC915 Datasheet HTML 4Page - Micrel Semiconductor MIC915 Datasheet HTML 5Page - Micrel Semiconductor MIC915 Datasheet HTML 6Page - Micrel Semiconductor MIC915 Datasheet HTML 7Page - Micrel Semiconductor MIC915 Datasheet HTML 8Page - Micrel Semiconductor MIC915 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
September 2000
1 Rev 8/00-A
MIC915
MIC915
Micrel
MIC915
Dual 135MHz Low-Power Op Amp
General Description
The MIC915 is a high-speed, unity-gain stable operational
amplifier. It provides a gain-bandwidth product of 135MHz
with a very low, 2.4mA supply current per op amp.
Supply voltage range is from
±2.5V to ±9V, allowing the
MIC915 to be used in low-voltage circuits or applications
requiring large dynamic range.
The MIC915 is stable driving any capacitative load and
achieves excellent PSRR, making it much easier to use than
most conventional high-speed devices. Low supply voltage ,
low power consumption, and small packing make the MIC915
ideal for portable equipment. The ability to drive capacitative
loads also makes it possible to drive long coaxial cables.
Features
• 135MHz gain bandwidth product
• 2.4mA supply current per op amp
• MSOP-10 package
• 270V/
µs slew rate
• drives any capacitive load
Applications
• Video
• Imaging
• Ultrasound
• Portable equipment
• Line drivers
Ordering Information
Part Number
Junction Temp. Range
Package
MIC915BMM
–40
°C to +85°C
MSOP-10
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
Pin Configuration
OUTB
V–(B)*
OUTA
V–(A)*
V+(B)
INB–
INB+
INA–
INA+
V+(A)
1
3
4
5
2
6
7
8
9
10
MSOP-10
Pin Description
Pin Number
Pin Name
Pin Function
1
INA–
Inverting Input A
2
INA+
Noninverting Input A
3
V+(A)
Positive Supply Input (Op Amp A)
4
INB–
Inverting Input B
5
INB+
Noninverting Input B
6
V+(B)
Positive Supply Input (Op Amp B)
7
OUTB
Output B
8V–(B)
Negative Supply Input* (Op Amp B)
9
OUTA
Output A
10
V–(A)
Negative Supply Input* (Op Amp A)
* V– pins must be externally shorted together


Similar Part No. - MIC915

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC915 MICREL-MIC915 Datasheet
2Mb / 14P
Dual 135MHz Low-Power Op Amp
MIC915YMM MICREL-MIC915YMM Datasheet
2Mb / 14P
Dual 135MHz Low-Power Op Amp
MIC915 MICREL-MIC915_14 Datasheet
2Mb / 14P
Dual 135MHz Low-Power Op Amp
More results

Similar Description - MIC915

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC910 MICREL-MIC910 Datasheet
552Kb / 12P
135MHz Low-Power SOT-23-5 Op Amp
MIC916 MICREL-MIC916 Datasheet
144Kb / 13P
Triple 135MHz Low-Power Op Amp
logo
AUK corp
S358P AUK-S358P Datasheet
217Kb / 3P
Low Power Dual OP AMP
S358 AUK-S358_1 Datasheet
212Kb / 4P
Low Power Dual OP AMP
S358P AUK-S358P_1 Datasheet
213Kb / 4P
Low Power Dual OP AMP
logo
Suntac Electronic Corp.
STC358 SUNTAC-STC358 Datasheet
130Kb / 3P
Low Power Dual OP AMP
logo
Micrel Semiconductor
MIC910 MICREL-MIC910_01 Datasheet
135Kb / 12P
135MHz Low-Power SOT-23-5 Op Amp
MIC916 MICREL-MIC916_05 Datasheet
185Kb / 12P
Triple 135MHz Low-Power Op Amp
MIC915 MICREL-MIC915_14 Datasheet
2Mb / 14P
Dual 135MHz Low-Power Op Amp
MIC910 MICREL-MIC910_14 Datasheet
2Mb / 14P
135MHz, Low-Power SOT-23-5 Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com