Electronic Components Datasheet Search
  English  ▼

X  

MICRF002 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MICRF002
Description  QwikRadiotm Low Power UHF Receiver Preliminary Information
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF002 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MICRF002 Datasheet HTML 5Page - Micrel Semiconductor MICRF002 Datasheet HTML 6Page - Micrel Semiconductor MICRF002 Datasheet HTML 7Page - Micrel Semiconductor MICRF002 Datasheet HTML 8Page - Micrel Semiconductor MICRF002 Datasheet HTML 9Page - Micrel Semiconductor MICRF002 Datasheet HTML 10Page - Micrel Semiconductor MICRF002 Datasheet HTML 11Page - Micrel Semiconductor MICRF002 Datasheet HTML 12Page - Micrel Semiconductor MICRF002 Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
QwikRadio
tm
11
July 1999
MICRF002
MICRF002
Micrel
I/O Pin Interface Circuitry
Interface circuitry for the various I/O pins of the MICRF002 is
shown in Figures 1 through 6.
Specific information
regarding each of these circuits is discussed in the following
sub-paragraphs.
Not shown are ESD protection diodes
which are applied to all input and output pins.
1. ANT Pin
The ANT pin is internally AC-coupled via a 3pF capacitor, to
an RF N-channel MOSFET, as shown in Figure 1.
Impedance on this pin to VSS is quite high at low
frequencies, and decreases as frequency increases. In the
UHF frequency range, the device input can be modeled as
6.3k
Ω in parallel with 2pF (pin capacitance) shunt to
VSSRF.
2. CTH Pin
Figure 2 illustrates the CTH pin interface circuit. CTH pin is
driven from a P-channel MOSFET source-follower biased
with approximately 10µA of bias current.
Transmission
gates TG1 and TG2 isolate the 6.9pF capacitor.
Internal
control signals PHI1/PHI2 are related in a manner such that
the impedance across the transmission gates looks like a
“resistance” of approximately 100k
Ω. The DC potential on
the CTH pin is approximately 1.6V
3. CAGC Pin
Figure 3 illustrates the CAGC pin interface circuit. The AGC
control voltage is developed as an integrated current into a
capacitor CAGC.
The attack current is nominally 15
µA,
while the decay current is a 1/10th scaling of this, nominally
1.5
µA, so the attack/decay timeconstant ratio is fixed at
10:1. Signal gain of the RF/IF strip inside the IC diminishes
as the voltage on CAGC decreases.
Further discussion on
setting the attack time constant is found in “Application Note
TBD. Modification of the attack/decay ratio is possible by
adding resistance from CAGC pin either to VDDBB or
VSSBB, as desired.
Both the Push and Pull current sources are disabled during
SHUT, which holds the voltage across CAGC, and improves
recovery time in duty-cycled applications.
To further
improve duty cycle recovery, both Push and Pull currents
are increased by 45X for approximately 10msec after
release of SHUT. This allows rapid recovery of any voltage
droop on CAGC while in SHUT.
4. DO and WAKEB Output Pins
The output stage for the signals DO and WAKEB is shown in
Figure 4. The output is a 10µA push-10µA pull, switched
current stage. Such an output stage is capable of driving
CMOS-type
loads.
An
external
buffer-driver
is
recommended for driving high capacitance loads.
5. REFOSC Pin
The REFOSC input circuit is shown in Figure 5.
Input
impedance is quite high (200k
Ω).
This is a Colpitts
oscillator, with internal 30pF capacitors.
This input is
intended
to
work
with
standard
ceramic
resonators,
connected from this pin to VSSBB, although a crystal may
be used instead, where greater frequency accuracy is
required.
The resonators should not contain integral
capacitors, since these capacitors are contained inside the
IC.
Externally applied signals should be AC-coupled,
amplitude limited to approximately 0.5Vpp. The nominal DC
bias voltage on this pin is 1.4V.
6. Control Inputs (SEL0, SEL1, SWEN, SHUT)
Control input circuitry is shown in Figures 6a and 6b. The
standard input is a logic inverter constructed with minimum
geometry MOSFETs (Q2, Q3). P-channel MOSFET Q1 is a
large channel length device which functions essentially as a
“weak” pullup to VDDBB.
Typical pullup current is 5
µA,
leading to an impedance to the VDDBB supply of typically
1M
Ω.
Figure 1 ANT Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com