Electronic Components Datasheet Search
  English  ▼

X  

MPD8020 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MPD8020
Description  CMOS/DMOS Semicustom High-Voltage Array Summary Information*.Not Recommended for New Designs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MPD8020 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MPD8020 Datasheet HTML 1Page - Micrel Semiconductor MPD8020 Datasheet HTML 2Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MPD8020
Micrel
11-2
1997
Features
• Sixteen 100V, 200mA, 10
Ω, N-channel, DMOS power
FETs with fully floating gates, drains, and sources
• DMOS can be paralleled for 100V, 3.2A, 0.625
Ω,
single, half-bridge, full-bridge, or bilateral switches
• 200 uncommitted CMOS gates array
• Twelve TTL/CMOS I/O buffers
• Three op amp/comparator/Schmitt trigger circuits
• One unity-gain analog buffer
• 1.25V/2.5V bandgap reference
• Overtemperature sensor
• Charge pump (drives high-side switch gates above V
DD)
• Sixteen medium-current, current-sink drivers
• Sixteen high-voltage, level-shifting, high-side drivers
• Separate analog- and digital-ground pads
• Numerous logic, high-voltage, V
CC, and VDD pads
• Resistors, capacitors, and a zener diode
• Military temperature specifications available
• Military, commercial, and power packages
Applications
• Switch-mode regulators
• Motor control
• Bilateral analog switch
• High-voltage switch
• Relay and solenoid driver
• Smart switch with bus decoder
• Half- or full-bridge driver
• 3-phase driver
• Lamp driver
• Differential line driver
• Automotive switch
• Printer solenoid driver
• High-voltage display driver
MPD8020 CMOS/DMOS/Bipolar Semicustom Array
MPD8020
CMOS/DMOS Semicustom High-Voltage Array
Summary Information*—Not Recommended for New Designs
General Description
The Micrel MPD8020 is a
Smart Power Application Specific
Integrated Circuit (ASIC). The MPD8020 features an array of
low-voltage CMOS analog and digital circuits and high-
voltage DMOS power transistors on a monolithic integrated
circuit. The MPD8020 provides the customer a proprietary
design with size, reliability, performance advantages.
Quick Turnaround
Prepared wafers can be held prior to the final process
(metallization) where the customer’s unique interconnect
pattern is applied. This speeds turnaround by allowing many
of the fabrication steps to be completed before the final
design is finished.
Voltage Ratings
The MPD8020’s logic and analog circuitry operate from a
single +5V to +15V supply. The high-voltage section oper-
ates from +20V to +100V. An optional internal charge pump,
plus two external components, can drive the internal N-channel
DMOS FET gates approximately 15V higher than the high-
voltage supply as required by high-side switch applications.
Fabrication Process
The MPD8020 CMOS/DMOS Semicustom High-Voltage Array
uses Micrel’s proprietary process which combines TTL/CMOS
compatible high-speed CMOS logic, CMOS analog, bipolar
analog, and high-voltage DMOS power devices in single IC.
Package Options
• Dice
• 16-pin to 48-pin plastic DIPs
• 16-pin to 48-pin ceramic DIPs
• Ceramic LCCs
• PLCCs
• Surface mount packages
• Fused-lead PLCCs and DIPs
• Custom packages
Support
The MPD8020 is supported from concept to packaged ICs by
Micrel’s designers, CAD systems, CAE simulations (includ-
ing SPICE, HILO, TIMVER), and an experienced fabrication
and test group.
Patents 4,951,101; 4,979,001
* Contact Micrel for more information.


Similar Part No. - MPD8020

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MPD8021 MICREL-MPD8021 Datasheet
40Kb / 2P
Semicustom High-Voltage Array Summary Information
More results

Similar Description - MPD8020

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2524 MICREL-MIC2524 Datasheet
100Kb / 12P
Quad USB Power Control Switch Not Recommended for New Designs
MIC2525 MICREL-MIC2525 Datasheet
93Kb / 12P
USB Power Control Switch Not Recommended for New Designs
MPD8021 MICREL-MPD8021 Datasheet
40Kb / 2P
Semicustom High-Voltage Array Summary Information
MIC10941 MICREL-MIC10941 Datasheet
15Kb / 1P
V. F. Alphanumeric and Bargraph Display Controller Summary Information-Not Recommended for New Designs
MIC2507 MICREL-MIC2507 Datasheet
86Kb / 8P
Quad Integrated High-Side Switch Not Recommended for New Designs
logo
List of Unclassifed Man...
IMST212 ETC1-IMST212 Datasheet
2Mb / 52P
TRANSPUTER RECOMMENDED FOR NEW DESIGNS
logo
Schurter Inc.
PFRX SCHURTER-PFRX Datasheet
332Kb / 3P
On phase-out, not recommended for new designs
logo
Micrel Semiconductor
MIC94002 MICREL-MIC94002 Datasheet
37Kb / 2P
Dual P-Channel MOSFET Not Recommended for New Designs
logo
Micro Commercial Compon...
SK12-TP MCC-SK12-TP Datasheet
275Kb / 5P
NOT RECOMMENDED FOR NEW DESIGNS
logo
Quantum Research Group
QT118HA-ISG QUANTUM-QT118HA-ISG Datasheet
213Kb / 12P
NOT RECOMMENDED FOR NEW DESIGNS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com