Electronic Components Datasheet Search
  English  ▼

X  

SY100HA643JC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100HA643JC
Description  DUAL SUPPLY OCTAL ECL-TO-TTL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100HA643JC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100HA643JC Datasheet HTML 1Page - Micrel Semiconductor SY100HA643JC Datasheet HTML 2Page - Micrel Semiconductor SY100HA643JC Datasheet HTML 3Page - Micrel Semiconductor SY100HA643JC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
ClockWorks™
SY100HA643
Micrel
AC CHARACTERISTICS
IVT = OVT = 5.0V
±5%; VEE = –4.2V to –5.5V ; VCCE = GND
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
IIH
Propagation Delay
D
to Output
LEN
2.3
3.1
2.3
3.1
2.3
3.1
2.3
3.1
ns
CL = 20pF
EN
tskew
Within-Device Skew(1)
—
0.4
—
0.4
—
0.4
—
0.4
ns
tPW
Pulse Width Out(2)
HIGH or LOW
4.5
5.5
4.5
5.5
4.5
5.5
4.5
5.5
ns
CL = 20pF
@ FOUT = 100MHz
tS
Setup Time
D
0.75
—
0.75
—
0.75
—
0.75
—
ns
tH
Hold Time
D
0.75
—
0.75
—
0.75
—
0.75
—
ns
tRR
Recovery TimeLEN
1.25
—
1.25
—
1.25
—
1.25
—
ns
EN
1.25
—
1.25
—
1.25
—
1.25
—
ns
tPW
Minimum PulseLEN
1.5
—
1.5
—
1.5
—
1.5
—
ns
Width
EN
1.5
—
1.5
—
1.5
—
1.5
—
ns
tr
Rise / Fall times
tf
0.8V — 2.0V
—
1.5
—
1.5
—
1.5
—
1.5
ns
CL = 20pF
fMAX
Max. Input Frequency(3,4)
160
—160
—160
—160
—
MHz
CL = 20pF
NOTES:
1. Within-Device skew defined as identical transitions on similar paths through a device.
2. Pulse width is defined relative to 1.5V measurement points on the output waveform.
3. Frequency at which output levels will meet a 0.8V to 2.0V minimum swing.
4. The fMAX value is specified as the minimum guaranteed maximum frequency. Actual operational maximum frequency may be greater.
Ordering
Package
Operating
Code
Type
Range
SY100HA643JC
J28-1
Commercial
SY100HA643JCTR
J28-1
Commercial
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY100HA643JI
J28-1
Industrial
SY100HA643JITR
J28-1
Industrial



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com