Electronic Components Datasheet Search
  English  ▼

X  

SY100S321 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100S321
Description  LOW-POWER 9-BIT INVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S321 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100S321 Datasheet HTML 1Page - Micrel Semiconductor SY100S321 Datasheet HTML 2Page - Micrel Semiconductor SY100S321 Datasheet HTML 3Page - Micrel Semiconductor SY100S321 Datasheet HTML 4Page - Micrel Semiconductor SY100S321 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
SY100S321
Micrel
DC ELECTRICAL CHARACTERISTICS
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
—
—
200
µAVIN = VIH (Max.)
IEE
Power Supply Current
–55
–41
–25
mA
Inputs Open
AC ELECTRICAL CHARACTERISTICS
CERPACK
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
tPLH
Propagation Delay(1)
300
800
300
800
300
800
ps
tPHL
Data to Output
tTLH
Transition Time(1)
300
900
300
900
300
900
ps
tTHL
20% to 80%, 80% to 20%
tS, G–G
Skew, Gate-to-Gate
—
200
—
200
—
200
ps
NOTE:
1. Reference figures 1 and 2
PLCC
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
tPLH
Propagation Delay(1)
300
700
300
700
300
700
ps
tPHL
Data to Output
tTLH
Transition Time(1)
300
900
300
900
300
900
ps
tTHL
20% to 80%, 80% to 20%
tS, G–G
Skew, Gate-to-Gate
—
200
—
200
—
200
ps
NOTE:
1. Reference figures 1 and 2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com