Electronic Components Datasheet Search
  English  ▼

X  

IL7150 Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # IL7150
Description  Current consumption 4 mA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL7150 Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  IL7150 Datasheet HTML 1Page - IK Semicon Co., Ltd IL7150 Datasheet HTML 2Page - IK Semicon Co., Ltd IL7150 Datasheet HTML 3Page - IK Semicon Co., Ltd IL7150 Datasheet HTML 4Page - IK Semicon Co., Ltd IL7150 Datasheet HTML 5Page - IK Semicon Co., Ltd IL7150 Datasheet HTML 6Page - IK Semicon Co., Ltd IL7150 Datasheet HTML 7Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IL7150
2
2012, June, Rev. 00
Table 1. Contact Pad Description
Contact pad
Number
Pin
Number
Symbol
Function
01
01
VCC
Supply voltage input
02, 03, 04, 05
02
CS
Current sensor input
09, 15
03
GND
Ground
06, 07
04
OUT
Driver output
08
05
OSC
Oscillator output
Note: Contact pads 10
– 14 are purposed only for testing during IC manufacturing and are
not used by customer
Driver
Oscilator
Control unit
+
-
Vcc
CS
OUT
OCS
GND
Fig. 1
– Block Diagram



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com