Electronic Components Datasheet Search
  English  ▼

X  

LM4836 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM4836
Description  Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4836 Datasheet(HTML) 3 Page - Texas Instruments

  LM4836 Datasheet HTML 1Page - Texas Instruments LM4836 Datasheet HTML 2Page - Texas Instruments LM4836 Datasheet HTML 3Page - Texas Instruments LM4836 Datasheet HTML 4Page - Texas Instruments LM4836 Datasheet HTML 5Page - Texas Instruments LM4836 Datasheet HTML 6Page - Texas Instruments LM4836 Datasheet HTML 7Page - Texas Instruments LM4836 Datasheet HTML 8Page - Texas Instruments LM4836 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
LM4836
www.ti.com
SNAS045F – JUNE 1999 – REVISED MAY 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage
6.0V
Storage Temperature
-65°C to +150°C
Input Voltage
−0.3V to VDD +0.3V
Power Dissipation (3)
Internally limited
ESD Susceptibility (4)
2500V
ESD Susceptibility (5)
250V
Junction Temperature
150°C
Soldering Information
Vapor Phase (60 sec.)
215°C
Infrared (15 sec.)
220°C
See http://www.ti.com for other methods of soldering surface mount devices.
θJC (typ)—NJB0028A
3.0°C/W
θJA (typ)—NJB0028A
(6)
42°C/W
θJC (typ)—PW0028A
20°C/W
θJA (typ)—PW0028A
80°C/W
θJC (typ)—PWP0028A
2°C/W
θJA (typ)—PWP0028A
(7)
41°C/W
θJA (typ)—PWP0028A
(8)
54°C/W
θJA (typ)—PWP0028A
(9)
59°C/W
θJA (typ)—PWP0028A
(10)
93°C/W
(1)
If Military/Aerospace specified devices are required, please contact the Texas Instruments' Sales Office/ Distributors for availability and
specifications.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θ JA, and the ambient temperature
TA. The maximum allowable power dissipation is PDMAX = (TJMAX − TA )/θJA. For the LM4836, TJMAX = 150°C. The typical junction-to-
ambient thermal resistance, when board mounted, is 80°C/W for the PW0028A package, 41°C/W for the PWP0028A package, and
42°C/W for the NJB0028A package.
(4)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
(5)
Machine Model, 220 pF–240 pF discharged through all pins.
(6)
The given
θJA is for an LM4836 packaged in an NHW0024A with the exposed-DAP soldered to an exposed 2in
2 area of 1oz printed
circuit board copper.
(7)
The
θJA given is for a PWP0028A package whose exposed-DAP is soldered to a 2in
2 piece of 1 ounce printed circuit board copper on a
bottom side layer through 21 8mil vias.
(8)
The
θJA given is for a PWP0028A package whose exposed-DAP is soldered to an exposed 2in
2 piece of 1 ounce printed circuit board
copper.
(9)
The
θJA given is for a PWP0028A package whose exposed-DAP is soldered to an exposed 1in
2 piece of 1 ounce printed circuit board
copper.
(10) The
θJA given is for a PWP0028A package whose exposed-DAP is not soldered to any copper.
OPERATING RATINGS
Temperature Range
TMIN ≤ TA ≤TMAX
−40°C ≤TA ≤ 85°C
Supply Voltage
2.7V
≤ VDD ≤ 5.5V
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4836



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com