Electronic Components Datasheet Search
  English  ▼

X  

LM4838 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM4838
Description  Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4838 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM4838 Datasheet HTML 17Page - Texas Instruments LM4838 Datasheet HTML 18Page - Texas Instruments LM4838 Datasheet HTML 19Page - Texas Instruments LM4838 Datasheet HTML 20Page - Texas Instruments LM4838 Datasheet HTML 21Page - Texas Instruments LM4838 Datasheet HTML 22Page - Texas Instruments LM4838 Datasheet HTML 23Page - Texas Instruments LM4838 Datasheet HTML 24Page - Texas Instruments LM4838 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
LM4838
www.ti.com
SNAS131F – JANUARY 2001 – REVISED MARCH 2013
BEEP DETECT FUNCTION
Computers and notebooks produce a system “beep“ signal that drives a small speaker. The speaker's auditory
output signifies that the system requires user attention or input. To accommodate this system alert signal, the
LM4838's beep input pin is a mono input that accepts the beep signal. Internal level detection circuitry at this
input monitors the beep signal's magnitude. When a signal level greater than VDD/2 is detected on the BEEP IN
pin, the bridge output amplifiers are enabled. The beep signal is amplified and applied to the load connected to
the output amplifiers. A valid beep signal will be applied to the load even when MUTE is active. Use the input
resistors connected between the BEEP IN pin and the stereo input pins to accommodate different beep signal
amplitudes. These resistors (RBEEP) are shown as 200kΩ devices in Figure 6. Use higher value resistors to
reduce the gain applied to the beep signal. The resistors must be used to pass the beep signal to the stereo
inputs. The BEEP IN pin is used only to detect the beep signal's magnitude: it does not pass the signal to the
output amplifiers. The LM4838's shutdown mode must be deactivated before a system alert signal is applied to
BEEP IN pin.
MICRO-POWER SHUTDOWN
The voltage applied to the SHUTDOWN pin controls the LM4838's shutdown function. Activate micro-power
shutdown by applying VDD to the SHUTDOWN pin. When active, the LM4838's micro-power shutdown feature
turns off the amplifier's bias circuitry, reducing the supply current. The logic threshold is typically VDD/2. The low
0.7 µA typical shutdown current is achieved by applying a voltage that is as near as VDD as possible to the
SHUTDOWN pin. A voltage that is less than VDD may increase the shutdown current.
There are a few ways to control the micro-power shutdown. These include using a single-pole, single-throw
switch, a microprocessor, or a microcontroller. When using a switch, connect an external 10k
Ω pull-up resistor
between the SHUTDOWN pin and VDD. Connect the switch between the SHUTDOWN pin and ground. Select
normal amplifier operation by closing the switch. Opening the switch connects the SHUTDOWN pin to VDD
through the pull-up resistor, activating micro-power shutdown. The switch and resistor ensure that the
SHUTDOWN pin will not float. This prevents unwanted state changes. In a system with a microprocessor or a
microcontroller, use a digital output to apply the control voltage to the SHUTDOWN pin. Driving the SHUTDOWN
pin with active circuitry eliminates the need for a pull up resistor.
MODE FUNCTION
The LM4838's MODE function has 2 states controlled by the voltage applied to the MODE pin. Mode 0, selected
by applying 0V to the MODE pin, forces the LM4838 to effectively function as a "line-out," unity-gain amplifier.
Mode 1, which uses the internal DC controlled volume control is selected by applying VDD to the MODE pin. This
mode sets the amplifier's gain according to the DC voltage applied to the DC VOL CONTROL pin. Unanticipated
gain behavior can be prevented by connecting the MODE pin to VDD or ground. Note: Do not let the mode pin
float.
MUTE FUNCTION
The LM4838 mutes the amplifier and DOCK outputs when VDD is applied to the MUTE pin. Even while muted,
the LM4838 will amplify a system alert (beep) signal whose magnitude satisfies the BEEP DETECT circuitry.
Applying 0V to the MUTE pin returns the LM4838 to normal, unmuted operation. Prevent unanticipated mute
behavior by connecting the MUTE pin to VDD or ground. Do not let the mute pain float.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM4838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com