Electronic Components Datasheet Search
  English  ▼

X  

SY100S331FC Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100S331FC
Description  TRIPLE D FLIP-FLOP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S331FC Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100S331FC Datasheet HTML 1Page - Micrel Semiconductor SY100S331FC Datasheet HTML 2Page - Micrel Semiconductor SY100S331FC Datasheet HTML 3Page - Micrel Semiconductor SY100S331FC Datasheet HTML 4Page - Micrel Semiconductor SY100S331FC Datasheet HTML 5Page - Micrel Semiconductor SY100S331FC Datasheet HTML 6Page - Micrel Semiconductor SY100S331FC Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
SY100S331
Micrel
Synchronous Operation(1)
Inputs
Outputs
MS
MR
Dn
CPn
CPc
SDn
DCn
Qn
Lu
L
L
L
L
Hu
L
L
L
H
LL
u
L
L
L
HL
u
L
L
H
XL
L
L
LQn (t)
XH
X
L
L
Qn (t)
XX
H
L
L
Qn (t)
Asynchronous Operation(1)
Inputs
Outputs
MS
MR
Dn
CPn
CPc
SDn
DCn
Qn (t+1)
XX
X
H
L
H
XX
X
L
H
L
XX
X
H
H
U
NOTE:
1. H = High Voltage Level, L = Low Voltage Level, X = Don't Care, U =
Undefined, t = Time before CP Positive Transition, t+1 = Time after CP
Positive Transition, u = Low-to-High Transition
DC ELECTRICAL CHARACTERISTICS
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND
TRUTH TABLES
NOTE:
1. H = High Voltage Level, L = Low Voltage Level, X = Don't Care, U =
Undefined, t = Time before CP Positive Transition, t+1 = Time after CP
Positive Transition, u = Low-to-High Transition
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current, All Inputs
—
—
200
µAVIN = VIH (Max.)
IEE
Power Supply Current
–80
–65
–35
mA
Inputs Open
Pin
Function
CP0 – CP2
Individual Clock Inputs
CPc
Common Clock Input
D0 – D2
Data Inputs
CD0 – CD2
Individual Direct Clear Inputs
SDn
Individual Direct Set Inputs
MR
Master Reset Input
MS
Master Set Input
Q0 – Q2
Data Outputs
Q0 – Q2
Complementary Data Outputs
VEES
VEE Substrate
VCCA
VCCO for ECL Outputs
PIN NAMES



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com