Electronic Components Datasheet Search
  English  ▼

X  

LM4890 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM4890
Description  1 Watt Audio Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4890 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM4890 Datasheet HTML 8Page - Texas Instruments LM4890 Datasheet HTML 9Page - Texas Instruments LM4890 Datasheet HTML 10Page - Texas Instruments LM4890 Datasheet HTML 11Page - Texas Instruments LM4890 Datasheet HTML 12Page - Texas Instruments LM4890 Datasheet HTML 13Page - Texas Instruments LM4890 Datasheet HTML 14Page - Texas Instruments LM4890 Datasheet HTML 15Page - Texas Instruments LM4890 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
(dBr)
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
(dBr)
-80
-70
-60
-50
-40
-60
-50
-40
-30
-20
-10
0
1
0
-3
-2
-1
0
1
2
3
(V)
VOUTDC
-60
-50
-40
-30
-20
-10
0
10
-3
-2
-1
0
1
2
3
(V)
VOUTDC
LM4890
SNAS138L – SEPTEMBER 2001 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
PSRR vs DC Output Voltage
PSRR vs DC Output Voltage
VDD = 3V, AV = 4
VDD = 3V, AV = 10
Figure 32.
Figure 33.
PSRR Distribution VDD = 5V
PSRR Distribution VDD = 3V
217Hz, 200mvp-p,
217Hz, 200mvp-p,
-30, +25, and +80°C
-30, +25, and +80°C
Figure 34.
Figure 35.
Power Supply Rejection Ration vs
Power Supply Rejection Ration vs
Bypass Capacitor Size
Bypass Capacitor Size
VDD = 5V, Input Grounded = 10Ω, Output Load = 8Ω
VDD = 3V, Input Grounded = 10Ω, Output Load = 8Ω
Figure 36. Top Trace = No Cap, Next Trace Down = 1µf
Figure 37. Top Trace = No Cap, Next Trace Down = 1µf
Next Trace Down = 2µf, Bottom Trace = 4.7µf
Next Trace Down = 2µf, Bottom Trace = 4.7µf
12
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM4890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com