Electronic Components Datasheet Search
  English  ▼

X  

LM4902 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM4902
Description  Boomer Audio Power Amplifier Series 265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4902 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM4902 Datasheet HTML 13Page - Texas Instruments LM4902 Datasheet HTML 14Page - Texas Instruments LM4902 Datasheet HTML 15Page - Texas Instruments LM4902 Datasheet HTML 16Page - Texas Instruments LM4902 Datasheet HTML 17Page - Texas Instruments LM4902 Datasheet HTML 18Page - Texas Instruments LM4902 Datasheet HTML 19Page - Texas Instruments LM4902 Datasheet HTML 20Page - Texas Instruments LM4902 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LM4902
www.ti.com
SNAS150D – DECEMBER 2001 – REVISED APRIL 2013
Selection of Input Capacitor Size
Large input capacitors are both expensive and space hungry for portable designs. Clearly, a certain sized
capacitor is needed to couple in low frequencies without severe attenuation. But in many cases the speakers
used in portable systems, whether internal or external, have little ability to reproduce signals below 150Hz. In this
case using a large input capacitor may not increase system performance.
In addition to system cost and size, click and pop performance is effected by the size of the input coupling
capacitor, Ci. A larger input coupling capacitor requires more charge to reach its quiescent DC voltage (nominally
½ VDD). This charge comes from the output via the feedback and is apt to create pops upon device enable. Thus,
by minimizing the capacitor size based on necessary low frequency response, turn-on pops can be minimized.
Besides minimizing the input capacitor size, careful consideration should be paid to the bypass capacitor value.
Bypass capacitor, CB, is the most critical component to minimize turn-on pops since it determines how fast the
LM4902 turns on. The slower the LM4902's outputs ramp to their quiescent DC voltage (nominally ½ VDD), the
smaller the turn-on pop. Choosing CB equal to 1.0 μF along with a small value of Ci (in the range of 0.1μF to
0.39
μF), should produce a clickless and popless shutdown function. While the device will function properly, (no
oscillations or motorboating), with CB equal to 0.1μF, the device will be much more susceptible to turn-on clicks
and pops. Thus, a value of CB equal to 1.0μF or larger is recommended in all but the most cost sensitive
designs.
AUDIO POWER AMPLIFIER DESIGN
Design a 300 mW/8
Ω Audio Amplifier
Given:
Power Output
300mWrms
Load Impedance
8
Ω
Input Level
1Vrms
Input Impedance
20k
Ω
Bandwidth
100Hz–20 kHz ± 0.25dB
A designer must first determine the minimum supply rail to obtain the specified output power. By extrapolating
from the Output Power vs Supply Voltage graphs in the Typical Performance Characteristics section, the supply
rail can be easily found. A second way to determine the minimum supply rail is to calculate the required Vopeak
using Equation 5 and add the dropout voltage. Using this method, the minimum supply voltage would be (Vopeak
+ (2*VOD)), where VOD is extrapolated from the Dropout Voltage vs Supply Voltage curve in the Typical
Performance Characteristics section.
(5)
Using the Output Power vs Supply Voltage graph for an 8
Ω load, the minimum supply rail is 3.5V. But since 5V is
a standard supply voltage in most applications, it is chosen for the supply rail. Extra supply voltage creates
headroom that allows the LM4902 to reproduce peaks in excess of 700 mW without producing audible distortion.
At this time, the designer must make sure that the power supply choice along with the output impedance does
not violate the conditions explained in the POWER DISSIPATION section.
Once the power dissipation equations have been addressed, the required differential gain can be determined
from Equation 6.
(6)
RF/Ri = AVD/2
(7)
From Equation 6, the minimum AVD is 1.55; use AVD = 2.
Since the desired input impedance was 20 k
Ω, and with a AVD of 2, a ratio of 1:1 of RF to Ri results in an
allocation of Ri = RF = 20 kΩ. The final design step is to address the bandwidth requirements which must be
stated as a pair of
−3 dB frequency points. Five times away from a pole gives 0.17 dB down from passband
response which is better than the required ±0.25 dB specified.
fL = 100Hz/5 = 20Hz
(8)
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM4902



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com