Electronic Components Datasheet Search
  English  ▼

X  

SY100S351JC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100S351JC
Description  HEX D FLIP-FLOP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S351JC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100S351JC Datasheet HTML 1Page - Micrel Semiconductor SY100S351JC Datasheet HTML 2Page - Micrel Semiconductor SY100S351JC Datasheet HTML 3Page - Micrel Semiconductor SY100S351JC Datasheet HTML 4Page - Micrel Semiconductor SY100S351JC Datasheet HTML 5Page - Micrel Semiconductor SY100S351JC Datasheet HTML 6Page - Micrel Semiconductor SY100S351JC Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BLOCK DIAGRAM
D
R
D5
Q5
E
Q5
D
R
D4
Q4
E
Q4
D
R
D3
Q3
E
Q3
D
R
D2
Q2
E
Q2
D
R
D1
Q1
E
Q1
D
R
D0
Q0
E
Q0
CPb
MR
CPa
Q
Q
Q
Q
Q
Q
Q
Q
Q
Q
Q
Q
s Max. toggle frequency of 700MHz
s Clock to Q max. of 1200ps
s IEE min. of –98mA
s Industry standard 100K ECL levels
s Extended supply voltage option:
VEE = –4.2V to –5.5V
s Voltage and temperature compensation for improved
noise immunity
s Internal 75K
Ω input pull-down resistors
s 50% faster than Fairchild 300K
s Better than 20% lower power than Fairchild
s Function and pinout compatible with Fairchild F100K
s Available in 24-pin CERPACK and 28-pin PLCC
packages
FEATURES
HEX D FLIP-FLOP
SY100S351
DESCRIPTION
The SY100S351 offers six D-type, edge-triggered,
master/slave flip-flops with differential outputs, and is
designed for use in high-performance ECL systems. The
flip-flops are controlled by the signal from the logical OR
operation on a pair of common clock signals (CPa, CPb).
Data enters the master when both CPa and CPb are LOW
and transfers to the slave when either CPa or CPb (or both)
go to a logic HIGH. The Master Reset (MR) input overrides
all other inputs and takes the Q outputs to a logic LOW. The
inputs on this device have 75K
Ω pull-down resistors.
Rev.: G
Amendment: /0
Issue Date:
July, 1999
D1
D0
Q0
Q0
Q1
Q1
D4
Q5
Q4
D5
Q4
Q5
18
17
16
15
14
13
1
2
3
4
5
6
7
24
8
23
9
22
10
21
11
20
12
19
Top View
Flatpack
F24-1
Q2
Q2
VCCA
VCC
Q3
VCC
D2
VEE
MR
D3
CPa
VEES
4
3
2
1
28
27
12
13
14
15
16
17
19
11
20
10
21
9
22
8
23
7
24
6
Top View
PLCC
J28-1
Q3
CPb
26
18
25
5
PIN CONFIGURATIONS
1


Similar Part No. - SY100S351JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S351JC MICREL-SY100S351JC Datasheet
96Kb / 8P
HEX D FLIP-FLOP
SY100S351JC MICREL-SY100S351JC Datasheet
415Kb / 6P
HEX D FLIP-FLOP
SY100S351JCTR MICREL-SY100S351JCTR Datasheet
96Kb / 8P
HEX D FLIP-FLOP
SY100S351JCTR MICREL-SY100S351JCTR Datasheet
415Kb / 6P
HEX D FLIP-FLOP
More results

Similar Description - SY100S351JC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS174 MOTOROLA-SN54LS174 Datasheet
75Kb / 3P
HEX D FLIP-FLOP
logo
National Semiconductor ...
MM54C174 NSC-MM54C174 Datasheet
112Kb / 4P
Hex D Flip-Flop
logo
NXP Semiconductors
74ALS174 PHILIPS-74ALS174 Datasheet
97Kb / 8P
Hex D flip-flop
1991 Feb 08
logo
Fairchild Semiconductor
MM74C174 FAIRCHILD-MM74C174 Datasheet
54Kb / 6P
Hex D-Type Flip-Flop
logo
National Semiconductor ...
CD40175BM NSC-CD40175BM Datasheet
135Kb / 6P
Hex D Flip-Flop
F100151 NSC-F100151 Datasheet
145Kb / 6P
Hex D Flip-Flop
logo
Micrel Semiconductor
SY100S351 MICREL-SY100S351_06 Datasheet
96Kb / 8P
HEX D FLIP-FLOP
SY100S351 MICREL-SY100S351_10 Datasheet
415Kb / 6P
HEX D FLIP-FLOP
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B_11 Datasheet
137Kb / 6P
Hex Type D Flip-Flop
June, 2011 ??Rev. 7
MC14174B ONSEMI-MC14174B_13 Datasheet
143Kb / 6P
Hex Type D Flip-Flop
May, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com