Electronic Components Datasheet Search
  English  ▼

X  

LM4995 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM4995
Description  1.3 W Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4995 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM4995 Datasheet HTML 14Page - Texas Instruments LM4995 Datasheet HTML 15Page - Texas Instruments LM4995 Datasheet HTML 16Page - Texas Instruments LM4995 Datasheet HTML 17Page - Texas Instruments LM4995 Datasheet HTML 18Page - Texas Instruments LM4995 Datasheet HTML 19Page - Texas Instruments LM4995 Datasheet HTML 20Page - Texas Instruments LM4995 Datasheet HTML 21Page - Texas Instruments LM4995 Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM4995SD/NOPB
WSON
NGQ
8
1000
210.0
185.0
35.0
LM4995TM/NOPB
DSBGA
YFQ
9
250
210.0
185.0
35.0
LM4995TMX/NOPB
DSBGA
YFQ
9
3000
210.0
185.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
11-Oct-2013
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com