Electronic Components Datasheet Search
  English  ▼

X  

SY100S366JC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100S366JC
Description  9-BIT COMPARATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S366JC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100S366JC Datasheet HTML 1Page - Micrel Semiconductor SY100S366JC Datasheet HTML 2Page - Micrel Semiconductor SY100S366JC Datasheet HTML 3Page - Micrel Semiconductor SY100S366JC Datasheet HTML 4Page - Micrel Semiconductor SY100S366JC Datasheet HTML 5Page - Micrel Semiconductor SY100S366JC Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SY100S366
Micrel
AC ELECTRICAL CHARACTERISTICS
PLCC
VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND
TIMING DIAGRAM
Propagation Delay and Transition Times
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY100S366FC
F24-1
Commercial
SY100S366JC
J28-1
Commercial
SY100S366JCTR
J28-1
Commercial
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
tPLH
Propagation Delay
400
1500
400
1500
400
1500
ps
tPHL
Data to Output
tTLH
Transition Time
300
900
300
900
300
900
ps
tTHL
20% to 80%, 80% to 20%
OUTPUT
INPUT
20%
80%
50%
tPHL
tPLH
tTLH
tTHL
0.7
± 0.1 ns
0.7
± 0.1 ns
–0.95V
–1.69V
20%
80%
50%
NOTE:
VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com