Electronic Components Datasheet Search
  English  ▼

X  

SY10E101 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10E101
Description  QUAD 4-INPUT OR/NOR GATE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E101 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10E101 Datasheet HTML 1Page - Micrel Semiconductor SY10E101 Datasheet HTML 2Page - Micrel Semiconductor SY10E101 Datasheet HTML 3Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
SY10E101
SY100E101
Micrel
AC ELECTRICAL CHARACTERISTICS
VEE = VEE(Min.) to VEE(Max.); VCC = VCCO = GND
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
tPLH
Propagation Delay to
150
—
550
200
350
500
200
350
500
200
350
500
ps
tPHL
Output D to Q
tskew
Within-Device Skew(1)
—50
—
—50
—
—50
—
—50
—
ps
Within-Gate Skew(2)
—25
—
—25
—
—25
—
—25
—
ps
tr
Rise/Fall Time
275
—
625
300
380
575
300
380
575
300
380
575
ps
tf
20% to 80%
DC ELECTRICAL CHARACTERISTICS
VEE = VEE(Min.) to VEE(Max.); VCC = VCCO = GND
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IIH
Input HIGH Current
—
—
150
—
—
150
—
—
150
—
—
150
µA
IEE
Power Supply Current
mA
10EL
—
30
36
—
30
36
—
30
36
—
30
36
100EL
—
30
36
—
30
36
—
30
36
—
35
42
Qn = Dna + Dnb + Dnc + Dnd
LOGIC EQUATION
NOTES:
1. Within-device skew is defined as identical transitions on similar paths through a device.
2. Within-gate skew is defined as the variation in propagation delays through a single gate when driven from its different inputs.
Ordering
Package
Operating
Code
Type
Range
SY10E101JC
J28-1
Commercial
SY10E101JCTR
J28-1
Commercial
SY100E101JC
J28-1
Commercial
SY100E101JCTR
J28-1
Commercial
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY10E101JI
J28-1
Industrial
SY10E101JITR
J28-1
Industrial
SY100E101JI
J28-1
Industrial
SY100E101JITR
J28-1
Industrial



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com