Electronic Components Datasheet Search
  English  ▼

X  

SY10E104 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10E104
Description  QUINT 2-INPUT AND/NAND GATE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E104 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10E104 Datasheet HTML 1Page - Micrel Semiconductor SY10E104 Datasheet HTML 2Page - Micrel Semiconductor SY10E104 Datasheet HTML 3Page - Micrel Semiconductor SY10E104 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10E104
SY100E104
Micrel
Ordering
Package
Operating
Code
Type
Range
SY10E104JC
J28-1
Commercial
SY10E104JCTR
J28-1
Commercial
SY100E104JC
J28-1
Commercial
SY100E104JCTR
J28-1
Commercial
PRODUCT ORDERING CODE
LOGIC EQUATION
F = (D0a • D0b) + (D1a • D1b) + (D2a • D2b) + (D3a • D3b) + (D4a • D4b)
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max. Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
tPLH
Propagation Delay to
ps
tPHL
Output
D to Q
225
385
600
225
385
600
225
385
600
225
385
600
D to F
500
725
1000
500
725
1000
500
725
1000
500
725
1000
tskew
Within-Device Skew,
D to Q(1)
—75
—
—75
—
—
75
—
—
75
—
ps
tr
Rise/Fall Time
ps
tf
20% to 80%
Q
275
425
700
275
425
700
275
425
700
275
425
700
F
300
475
700
300
475
700
300
475
700
300
475
700
NOTE:
1. Within-device skew is defined as identical transitions on similar paths through a device.
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
IIH
Input HIGH Current
—
—
200
—
—
200
—
—
200
—
—
200
µA
IEE
Power Supply Current
mA
10E
—
38
46
—
38
46
—
38
46
—
38
46
100E
—
38
46
—
38
46
—
38
46
—
44
53
DC ELECTRICAL CHARACTERISTICS
Ordering
Package
Operating
Code
Type
Range
SY10E104JI
J28-1
Industrial
SY10E104JITR
J28-1
Industrial
SY100E104JI
J28-1
Industrial
SY100E104JITR
J28-1
Industrial



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com