Electronic Components Datasheet Search
  English  ▼

X  

PCM1680DBQ Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1680DBQ
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1680DBQ Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCM1680DBQ Datasheet HTML 15Page - Texas Instruments PCM1680DBQ Datasheet HTML 16Page - Texas Instruments PCM1680DBQ Datasheet HTML 17Page - Texas Instruments PCM1680DBQ Datasheet HTML 18Page - Texas Instruments PCM1680DBQ Datasheet HTML 19Page - Texas Instruments PCM1680DBQ Datasheet HTML 20Page - Texas Instruments PCM1680DBQ Datasheet HTML 21Page - Texas Instruments PCM1680DBQ Datasheet HTML 22Page - Texas Instruments PCM1680DBQ Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
PACKET PROTOCOL
9
SDA
SCL
St
Start
1−7
8
1−8
9
1−8
9
9
Sp
Stop
Slave Address
ACK
DATA
ACK
DATA
ACK
ACK
Condition
Condition
R/W
Read Operation
Transmitter
M
M
M
S
S
M
S
M
M
M
Data Type
St
Slave Address
R
ACK
DATA
ACK
DATA
ACK
NACK
Sp
Write Operation
Transmitter
M
M
M
S
M
S
M
S
S
M
Data Type
St
Slave Address
W
ACK
DATA
ACK
DATA
ACK
ACK
Sp
R/W:
Read Operation if 1; Otherwise, Write Operation
ACK:
Acknowledgement of a Byte if 0
DATA: 8 Bits (Byte)
NACK: Not Acknowledgement if 1
T0049-01
M: Master Device S: Slave Device St: Start Condition
Sp: Stop Condition W: Write R: Read
WRITE OPERATION
Transmitter
M
M
Data Type
Slave Address
Reg Address
Write Data
R0002-01
M: Master Device S: Slave Device
St: Start Condition W: Write ACK: Acknowledge Sp: Stop Condition
M
M
S
M
St
W
ACK
Sp
S
ACK
M
S
ACK
READ OPERATION
PCM1680
www.ti.com.................................................................................................................................................. SLES133B – MARCH 2005 – REVISED OCTOBER 2008
A master device must control packet protocol, which consists of a start condition, slave address, read/write bit,
data if writing or acknowledge if reading, and a stop condition. The PCM1680 supports only slave receivers and
slave transmitters.
Figure 27. Basic I2C Framework
A master can write to any PCM1680 registers using a single access. The master sends a PCM1680 slave
address with a write bit, a register address, and the data. When undefined registers are accessed, the PCM1680
sends an acknowledgment, but the write operation does not occur. Figure 28 is a diagram of the write operation.
Figure 28. Write Operation
A master can read any PCM1680 register using a single access. The master sends a PCM1680 slave address
with a read bit after transferring the register address. Then the PCM1680 transfers the data in the register
specified. Figure 29 is a diagram of the read operation.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): PCM1680



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com