Electronic Components Datasheet Search
  English  ▼

X  

PCM1680DBQR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1680DBQR
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1680DBQR Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM1680DBQR Datasheet HTML 17Page - Texas Instruments PCM1680DBQR Datasheet HTML 18Page - Texas Instruments PCM1680DBQR Datasheet HTML 19Page - Texas Instruments PCM1680DBQR Datasheet HTML 20Page - Texas Instruments PCM1680DBQR Datasheet HTML 21Page - Texas Instruments PCM1680DBQR Datasheet HTML 22Page - Texas Instruments PCM1680DBQR Datasheet HTML 23Page - Texas Instruments PCM1680DBQR Datasheet HTML 24Page - Texas Instruments PCM1680DBQR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
MODE CONTROL REGISTERS
USER-PROGRAMMABLE MODE CONTROLS
REGISTER MAP
RESERVED REGISTERS
PCM1680
www.ti.com.................................................................................................................................................. SLES133B – MARCH 2005 – REVISED OCTOBER 2008
The PCM1680 includes a number of user-programmable functions which are accessed via control registers. The
registers are programmed using the serial control interface which is discussed in the Mode Control section of this
data sheet. Table 5 lists the available mode control functions, along with the respective reset default conditions
and associated register index.
The mode control register map is shown in Table 6. The MSB of all registers is fixed to 0. Each register also
includes an index (or address) indicated by the IDX[6:0] bits.
Registers 0, 11, and 15 are reserved for factory use. To ensure proper operation, the user should not write to
these registers.
Table 5. User-Programmable Mode Controls
FUNCTION
RESET DEFAULT
REGISTER
BIT
Digital attenuation control, 0 dB to –63 dB
AT1[7:0], AT2[7:0], AT3[7:0], AT4[7:0],
0 dB, no attenuation
1–6, 16, 17
in 0.5-dB steps
AT5[7:0], AT6[7:0], AT7[7:0], AT8[7:0]
Soft mute control
Mute disabled
7, 18
MUT[6:1], MUT[8:7]
DAC1–DAC8 operation control
DAC1–DAC8 enabled
8, 19
DAC[6:1], DAC[8:7]
Audio data format control
24-bit, left-justified
9
FMT[2:0]
Digital filter roll-off control
Sharp roll-off
9
FLT
De-emphasis of all channels
De-emphasis all-channel function control
10
DMC
disabled
De-emphasis all-channel sample rate
44.1 kHz
10
DMF[1:0]
selection
Output phase select
Normal phase
10
DREV
Zero-flag polarity select
High
10
ZREV
Software reset control
Reset disabled
10
SRST
Oversampling rate control
x64, x32, x16
12
OVER
ZERO1: DATA1 Lch
Zero-flag combination select
13
AZRO[1:0]
ZERO2: DATA1 Rch
Digital attenuation mode select
0 to –63 dB, 0.5-dB step
13
DAMS
Zero-detect status (read-only, I2C
N/A
14
ZERO[8:1]
interface only)
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): PCM1680



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com