Electronic Components Datasheet Search
  English  ▼

X  

SY10E142 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10E142
Description  9-BIT SHIFT REGISTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E142 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10E142 Datasheet HTML 1Page - Micrel Semiconductor SY10E142 Datasheet HTML 2Page - Micrel Semiconductor SY10E142 Datasheet HTML 3Page - Micrel Semiconductor SY10E142 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10E142
SY100E142
Micrel
TRUTH TABLE
DC ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS
SEL
MODE
L
LOAD
H
SHIFT
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
—
—
150
—
—
150
—
—
150
µA—
IEE
Power Supply Current
mA
—
10E
—
120
145
—
120
145
—
120
145
100E
—
120
145
—
120
145
—
138
165
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
fSHIFT
Max. Shift Frequency
700
900
—
700
900
—
700
900
—
MHz
—
tPLH
Propagation Delay to Output
ps
—
tPHL
CLK
600
800
1000
600
800
1000
600
800
1000
MR
600
800
1000
600
800
1000
600
800
1000
tS
Set-up Time
ps
—
D
50
–100
—
50
–100
—
50
–100
—
SEL
300
150
—
300
150
—
300
150
—
tH
Hold Time
ps
—
D
300
100
—
300
100
—
300
100
—
SEL
75
–150
—
75
–150
—
75
–150
—
tRR
Reset Recovery Time
900
700
—
900
700
—
900
700
—
ps
—
tPW
Minimum Pulse Width
400
—
—
400
—
—
400
—
—
ps
—
CLK, MR
tskew
Within-Device Skew
—
75
—
—
75
—
—
75
—
ps
1
tr
Rise/Fall Time
300
525
800
300
525
800
300
525
800
ps
—
tf
20% to 80%
NOTE:
1. Within-device skew is defined as identical transitions on similar paths through a device.
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY10E142JC
J28-1
Commercial
SY10E142JCTR
J28-1
Commercial
SY100E142JC
J28-1
Commercial
SY100E142JCTR
J28-1
Commercial



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com