Electronic Components Datasheet Search
  English  ▼

X  

ILN2004 Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # ILN2004
Description  Output Clamp Diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

ILN2004 Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  ILN2004 Datasheet HTML 1Page - IK Semicon Co., Ltd ILN2004 Datasheet HTML 2Page - IK Semicon Co., Ltd ILN2004 Datasheet HTML 3Page - IK Semicon Co., Ltd ILN2004 Datasheet HTML 4Page - IK Semicon Co., Ltd ILN2004 Datasheet HTML 5Page - IK Semicon Co., Ltd ILN2004 Datasheet HTML 6Page - IK Semicon Co., Ltd ILN2004 Datasheet HTML 7Page - IK Semicon Co., Ltd ILN2004 Datasheet HTML 8Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
I L N2004
2011, January, Rev. 00
Absolute maximum ratings at 25°C free-air temperature (unless otherwise noted)
Symbol
Parameter
Value
Unit
Collector-emitter voltage
50
V
VI
Input voltage(see Note 1)
30
V
Peak collector current (see Figures 14 and 15)
500
mA
IOK
Output clamp current
500
mA
Total emitter-terminal current
–2.5
A
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature range
–20 to 85
°C
Tstg
Storage temperature range
–65 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case
for 10 seconds
260
°C
NOTE 1: All voltage values are with respect to the emitter/substrate terminal E, unless otherwise noted.
Dissipation Rating Table
PACKAGE
TA=25°C
POWER RATING
DERATING FACTOR
above TA=25°C
TA=85°C
POWER RATING
D
950mW
7.6mW/°C
494mW
N
1150mW
9.2mW/°C
598 mW
Electr ical Char acter istics, T
A =
25°C (unless otherwise noted)
Symbol
Par ameter
Test
Figur e
Test Conditions
M in.
Typ.
M ax.
Unit
Vi(on)
Input Voltage
6
V
CE= 2V
I
C =
125mA
I
C =
200mA
I
C =
275mA
I
C =
350mA
5
6
7
8
V
V
CE(sat)
Collector-emitter
Saturation
Voltage
5
I
C =
100mA, I
B =
250mA
I
C =
200 mA, I
B =
350mA
I
C =
350mA, I
B =
500mA
0.9
1.1
1.3
1.1
1.3
1.6
V
I
CEX
Output Leakage Current
2
V
CE =
50V, Vi = 1V
500
uA
V
F
Clamp Diode Forward
Voltage
8
I
F =
350mA
1.7
2
V
Ii(off)
Off-state Input Current
3
V
CE= 50V , Tamb =
70° C,
I
C =
500mA
50
65
uA
Ii
Input Current
4
Vi = 5V
Vi = 12V
0.35
1
0.5
1.45
mA
I
R
Clamp Reverse Current
7
V
R =
50V
Tamb = 70° C, V
R =
50V
50
100
uA
C
i
Input Capacitance
15
25
pF
Switching Characteristics, T
A= 25º C
tPLH
Turn-on Delay Time
See Fig.9
0.25
1
us
tPHL
Turn-off Delay Time
See Fig.9
0.25
1
us
V
OH
High level output
voltage after switching
V
S= 50V , I O= 300mA
See Fig.10
V
S-20
mV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com