Electronic Components Datasheet Search
  English  ▼

X  

SY10E150JC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10E150JC
Description  6-BIT D LATCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E150JC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10E150JC Datasheet HTML 1Page - Micrel Semiconductor SY10E150JC Datasheet HTML 2Page - Micrel Semiconductor SY10E150JC Datasheet HTML 3Page - Micrel Semiconductor SY10E150JC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SY10E150
SY100E150
Micrel
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
tPLH
Propagation Delay to Output
ps
—
tPHL
D
250
375
550
250
375
550
250
375
550
LEN
375
500
700
375
500
700
375
500
700
MR
450
625
750
450
625
750
450
625
750
tS
Set-up Time, D
200
50
—
200
50
—
200
50
—
ps
—
tH
Hold Time, D
200
–50
—
200
–50
—
200
–50
—
ps
—
tRR
Reset Recovery Time
750
650
—
750
650
—
750
650
—
ps
—
tPW
Minimum Pulse Width, MR
400
——
400
——
400
——
ps
—
tskew
Within-Device Skew
—
50
——
50
——
50
—
ps
1
tr
Rise/Fall Time
300
450
650
300
450
650
300
450
650
ps
—
tf
20% to 80%
NOTE:
1. Within-device skew is defined as identical transitions on similar paths through a device.
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY10E150JC
J28-1
Commercial
SY10E150JCTR
J28-1
Commercial
SY100E150JC
J28-1
Commercial
SY100E150JCTR
J28-1
Commercial



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com