Electronic Components Datasheet Search
  English  ▼

X  

X9241AMPIZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9241AMPIZ
Description  Non-Volatile/Low Power/2-Wire/64 Taps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9241AMPIZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9241AMPIZ Datasheet HTML 7Page - Intersil Corporation X9241AMPIZ Datasheet HTML 8Page - Intersil Corporation X9241AMPIZ Datasheet HTML 9Page - Intersil Corporation X9241AMPIZ Datasheet HTML 10Page - Intersil Corporation X9241AMPIZ Datasheet HTML 11Page - Intersil Corporation X9241AMPIZ Datasheet HTML 12Page - Intersil Corporation X9241AMPIZ Datasheet HTML 13Page - Intersil Corporation X9241AMPIZ Datasheet HTML 14Page - Intersil Corporation X9241AMPIZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
FN8164.7
August 17, 2015
Power-up Requirements (Power Up sequencing can affect correct recall of the wiper registers)
The preferred power-on sequence is as follows: First VCC, then the potentiometer pins. It is suggested that Vcc reach 90% of its
final value before power is applied to the potentiometer pins. The VCC ramp rate specification should be met, and any glitches or
slope changes in the VCC line should be held to <100mV if possible. Also, VCC should not reverse polarity by more than 0.5V.
NOTES:
7. Limits should be considered typical and are not production tested.
8. Limits established by characterization and are not production tested.
9. Maximum Wiper Current is derated over temperature. See the Wiper Current Derating Curve.
10. Ti value denotes the maximum noise glitch pulse width that the device will ignore on either SCL or SDA pins. Any noise glitch pulse width that
is greater than this maximum value will be considered as a valid clock or data pulse and may cause communication failure to the device.
11. Parts are 100% tested at either +70°C or +85°C. Over temperature limits established by characterization and are not production tested.
Symbol Table
Endurance and Data Retention
PARAMETER
MIN
UNIT
Minimum endurance
100,000
Data changes per bit per register
Data retention
100
Years
Capacitance
SYMBOL
PARAMETER
TEST CONDITION
TYP
UNIT
CI/O (Note 7)
Input/output capacitance (SDA)
VI/O = 0V
19
pF
CIN (Note 7)
Input capacitance (A0, A1, A2, A3 and SCL)
VIN = 0V
12
pF
Power-up Timing
SYMBOL
PARAMETER
MIN
(Note 11)
TYP
MAX
(Note 11)
UNIT
tPUR (Note 8)
Power-up to initiation of read operation
1
ms
tPUW (Note 8)
Power-up to initiation of write operation
5
ms
tRVCC
VCC Power up ramp rate
0.2
50
V/ms
AC Conditions of Test
Input pulse levels
VCC x 0.1 to VCC x 0.9
Input rise and fall times
10ns
Input and output timing levels
VCC x 0.5
Input pulse levels
VCC x 0.1 to VCC x 0.9
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
X9241A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com