Electronic Components Datasheet Search
  English  ▼

X  

X9271 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9271
Description  Single, Digitally Controlled Potentiometer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9271 Datasheet(HTML) 2 Page - Intersil Corporation

  X9271 Datasheet HTML 1Page - Intersil Corporation X9271 Datasheet HTML 2Page - Intersil Corporation X9271 Datasheet HTML 3Page - Intersil Corporation X9271 Datasheet HTML 4Page - Intersil Corporation X9271 Datasheet HTML 5Page - Intersil Corporation X9271 Datasheet HTML 6Page - Intersil Corporation X9271 Datasheet HTML 7Page - Intersil Corporation X9271 Datasheet HTML 8Page - Intersil Corporation X9271 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
FN8174.4
July 18, 2014
Submit Document Feedback
Pin Configuration
X9271
14 LD TSSOP
TOP VIEW
Ordering Information
PART NUMBER
(Notes 2, 3)
PART
MARKING
VCC LIMITS
(V)
POTENTIOMETER
ORGANIZATION (kΩ)
TEMP. RANGE
(°C)
PACKAGE
Pb-Free
PKG.
DWG. #
X9271UV14IZ (Note 1)
X9271 UVZI
5 ±10%
50
-40 to +85
14 Ld TSSOP (4.4mm)
M14.173
X9271UV14Z (Note 1)
X9271 UVZ
5 ±10%
50
0 to +70
14 Ld TSSOP (4.4mm)
M14.173
X9271UV14IZ-2.7
X9271 UVZG
2.7 to 5.5
50
-40 to +85
14 Ld TSSOP (4.4mm)
M14.173
X9271UV14IZ-2.7T1
X9271 UVZG
2.7 to 5.5
50
-40 to +85
14 Ld TSSOP (4.4mm)
M14.173
X9271UV14Z-2.7
X9271 UVZF
2.7 to 5.5
50
0 to +70
14 Ld TSSOP (4.4mm)
M14.173
X9271UV14Z-2.7T1
X9271 UVZF
2.7 to 5.5
50
0 to +70
14 Ld TSSOP (4.4mm)
M14.173
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for X9271. For more information on MSL please see Tech Brief TB363.
VCC
RL
VSS
1
2
3
4
5
6
78
14
13
12
11
10
9
A0
RW
SCK
CS
RH
S0
NC
SI
HOLD
WP
A1
Pin Descriptions
PIN NUMBER
PIN NAME
FUNCTION
1SO
Serial Data Output
2
A0
Device Address
3
NC
No Connect
4CS
Chip Select
5
SCK
Serial Clock
6
SI
Serial Data Input
7VSS
System Ground
8WP
Hardware Write Protect
9
A1
Device Address
10
HOLD
Device Select. Pause the serial bus.
11
RW
Wiper Terminal of Potentiometer
12
RH
High Terminal of Potentiometer
13
RL
Low Terminal of Potentiometer
14
VCC
System Supply Voltage
X9271



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com