Electronic Components Datasheet Search
  English  ▼

X  

X9268 Datasheet(PDF) 17 Page - Intersil Corporation

Part # X9268
Description  Dual Digitally-Controlled (XDCP) Potentiometers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9268 Datasheet(HTML) 17 Page - Intersil Corporation

Back Button X9268 Datasheet HTML 13Page - Intersil Corporation X9268 Datasheet HTML 14Page - Intersil Corporation X9268 Datasheet HTML 15Page - Intersil Corporation X9268 Datasheet HTML 16Page - Intersil Corporation X9268 Datasheet HTML 17Page - Intersil Corporation X9268 Datasheet HTML 18Page - Intersil Corporation X9268 Datasheet HTML 19Page - Intersil Corporation X9268 Datasheet HTML 20Page - Intersil Corporation X9268 Datasheet HTML 21Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
17
FN8172.4
August 29, 2006
EQUIVALENT A.C. LOAD CIRCUIT
AC TIMING
HIGH-VOLTAGE WRITE CYCLE TIMING
XDCP TIMING
Symbol
Parameter
Min.
Max.
Units
fSCL
Clock Frequency
400
kHz
tCYC
Clock Cycle Time
2500
ns
tHIGH
Clock High Time
600
ns
tLOW
Clock Low Time
1300
ns
tSU:STA
Start Setup Time
600
ns
tHD:STA
Start Hold Time
600
ns
tSU:STO
Stop Setup Time
600
ns
tSU:DAT
SDA Data Input Setup Time
100
ns
tHD:DAT
SDA Data Input Hold Time
30
ns
tR
SCL and SDA Rise Time
300
ns
tF
SCL and SDA Fall Time
300
ns
tAA
SCL Low to SDA Data Output Valid Time
0.9
µs
tDH
SDA Data Output Hold Time
0
ns
TI
Noise Suppression Time Constant at SCL and SDA inputs
50
ns
tBUF
Bus Free Time (Prior to Any Transmission)
1200
ns
tSU:WPA
A0, A1 Setup Time
0
ns
tHD:WPA
A0, A1 Hold Time
0
ns
Symbol
Parameter
Typ.
Max.
Units
tWR
High-voltage write cycle time (store instructions)
5
10
ms
Symbol
Parameter
Min.
Max. Units
tWRPO
Wiper response time after the third (last) power supply is stable
5
10
µs
tWRL
Wiper response time after instruction issued (all load instructions)
5
10
µs
5V
1533
Ω
100pF
SDA pin
RH
10pF
CL
CL
RW
RTOTAL
CW
25pF
10pF
RL
SPICE Macromodel
3V
867
Ω
100pF
SDA pin
X9268



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com