Electronic Components Datasheet Search
  English  ▼

X  

SY10E164 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10E164
Description  16:1 MULTIPLEXER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E164 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10E164 Datasheet HTML 1Page - Micrel Semiconductor SY10E164 Datasheet HTML 2Page - Micrel Semiconductor SY10E164 Datasheet HTML 3Page - Micrel Semiconductor SY10E164 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10E164
SY100E164
Micrel
TRUTH TABLE
SEL3
SEL2
SEL1
SEL0
Data
LLL
L
A0
LLL
H
A1
LL
H
L
A2
LL
H
H
A3
LH
L
L
A4
LH
L
H
A5
LH
H
L
A6
LH
H
H
A7
SEL3
SEL2
SEL1
SEL0
Data
HL
L
L
A8
HL
L
H
A9
HL
H
L
A10
HL
H
H
A11
HH
L
L
A12
HH
L
H
A13
HHH
L
A14
HHH
H
A15
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
——
150
——
150
——
150
µA
—
IEE
Power Supply Current
mA
—
10E
—
59
71
—
59
71
—
59
71
100E
—
59
71
—
59
71
—
68
81
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
tPLH
Propagation Delay to Output
ps
—
tPHL
A Input
350
600
850
350
600
850
350
600
850
SEL0
500
700
900
500
700
900
500
700
900
SEL1
400
675
900
400
675
900
400
675
900
SEL2
400
675
900
400
675
900
400
675
900
SEL3
400
550
700
400
550
700
400
550
700
tskew
Within-Device Skew
—
50
——
50
——
50
—
ps
1
tr
Rise/Fall Times
275
400
550
275
400
550
275
400
550
ps
—
tf
20–80%
NOTE:
1. Within-device skew is defined as the difference in the A to Q delay between the 16 different A inputs.
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY10E164JC
J28-1
Commercial
SY10E164JCTR
J28-1
Commercial
SY100E164JC
J28-1
Commercial
SY100E164JCTR
J28-1
Commercial



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com