Electronic Components Datasheet Search
  English  ▼

X  

X98014 Datasheet(PDF) 5 Page - Intersil Corporation

Part # X98014
Description  140MHz Triple Video Digitizer with Digital PLL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X98014 Datasheet(HTML) 5 Page - Intersil Corporation

  X98014 Datasheet HTML 1Page - Intersil Corporation X98014 Datasheet HTML 2Page - Intersil Corporation X98014 Datasheet HTML 3Page - Intersil Corporation X98014 Datasheet HTML 4Page - Intersil Corporation X98014 Datasheet HTML 5Page - Intersil Corporation X98014 Datasheet HTML 6Page - Intersil Corporation X98014 Datasheet HTML 7Page - Intersil Corporation X98014 Datasheet HTML 8Page - Intersil Corporation X98014 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
FN8217.3
March 8, 2006
tSETUP
DATA valid before rising edge of DATACLK 15pF DATACLK load, 15pF DATA load
(Note 1)
1.3
ns
tHOLD
DATA valid after rising edge of DATACLK
15pF DATACLK load, 15pF DATA load
(Note 1)
2.0
ns
AC TIMING CHARACTERISTICS (2 WIRE INTERFACE)
fSCL
SCL Clock Frequency
0
400
kHz
Maximum width of a glitch on SCL that will
be suppressed
2 XTAL periods min
80
ns
tAA
SCL LOW to SDA Data Out Valid
5 XTAL periods plus SDA’s RC time
constant
See
comment
µs
tBUF
Time the bus must be free before a new
transmission can start
1.3
µs
tLOW
Clock LOW Time
1.3
µs
tHIGH
Clock HIGH Time
0.6
µs
tSU:STA
Start Condition Setup Time
0.6
µs
tHD:STA
Start Condition Hold Time
0.6
µs
tSU:DAT
Data In Setup Time
100
ns
tHD:DAT
Data In Hold Time
0ns
tSU:STO Stop Condition Setup Time
0.6
µs
tDH
Data Output Hold Time
4 XTAL periods min
160
ns
NOTES:
1. Setup and hold times are at a 140MHz DATACLK rate.
Electrical Specifications
Specifications apply for VA = VD = VX = 3.3V, pixel rate = 140MHz, fXTAL = 25MHz, TA = 25°C,
unless otherwise noted (Continued)
SYMBOL
PARAMETER
COMMENT
MIN
TYP
MAX
UNIT
tSU:STO
tDH
tHIGH
tSU:ST
tHD:STA
tHD:DAT
tSU:DAT
SCL
SDA IN
SDA OUT
tF
tLOW
tBUF
tAA
tR
FIGURE 1. 2 WIRE INTERFACE TIMING
DATACLK
tSETUP
tHOLD
DATACLK
Pixel Data
FIGURE 2. DATA OUTPUT SETUP AND HOLD TIMING
X98014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com