Electronic Components Datasheet Search
  English  ▼

X  

PZTA42L-AA3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PZTA42L-AA3-R
Description  HIGH VOLTAGE TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PZTA42L-AA3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  PZTA42L-AA3-R Datasheet HTML 1Page - Unisonic Technologies PZTA42L-AA3-R Datasheet HTML 2Page - Unisonic Technologies PZTA42L-AA3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PZTA42/43
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R207-005.E
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
PZTA42
VCBO
300
V
PZTA43
200
V
Collector-Emitter Voltage
PZTA42
VCEO
300
V
PZTA43
200
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
500
mA
Collector Power Dissipation
Pc
1
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO IC =100μA, IE=0
PZTA42
300
V
PZTA43
200
V
Collector-Emitter Breakdown Voltage
BVCEO IC =1mA, IB=0
PZTA42
300
V
PZTA43
200
V
Emitter-Base Breakdown Voltage
BVEBO IE=100μA, IC =0
6
V
Collector Cut-Off Current
ICBO
VCB=200V, IE=0
PZTA42
100
nA
VCB=160V, IE=0
PZTA43
100
nA
Emitter Cut-Off Current
IEBO
VBE=6V, IC =0
PZTA42
100
nA
VBE=4V, IC =0
PZTA43
100
nA
DC Current Gain
hFE
VCE=10V, IC =1mA
80
VCE=10V, IC =10mA
80
300
VCE=10V, IC 30mA
80
Collector-Emitter Saturation Voltage
VCE(SAT) IC =20mA, IB=2mA
0.2
V
Base-Emitter Saturation Voltage
VBE(SAT) IC =20mA, IB=2mA
0.90
V
Current Gain Bandwidth Product
fT
VCE=20V, IC =10mA, f=100MHz
50
MHz
Collector Base Capacitance
CCB
VCB=20V, IE=0, f=1MHz
PZTA42
3
pF
PZTA43
4
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com