Electronic Components Datasheet Search
  English  ▼

X  

SY10E193JC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10E193JC
Description  ERROR DETECTION/ CORRECTION CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E193JC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10E193JC Datasheet HTML 1Page - Micrel Semiconductor SY10E193JC Datasheet HTML 2Page - Micrel Semiconductor SY10E193JC Datasheet HTML 3Page - Micrel Semiconductor SY10E193JC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SY10E193
SY100E193
Micrel
DC ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
——
150
——
150
——
150
µA
—
IEE
Power Supply Current
mA
—
10E
—
112
134
—
112
134
—
112
134
100E
—
112
134
—
112
134
—
129
155
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
tPLH
Propagation Delay to Output
ps
—
tPHL
B to P1, P2, P3, P4
350
700
1000
350
700
1000
350
700
1000
B to P5
400
775
1150
400
775
1150
400
775
1150
EV/OD, BPAR to PGEN
350
650
850
350
650
850
350
650
850
B to PGEN
600
1000 1450
600
1000
1450
600
1000
1450
CLK to PARERR
300
550
850
300
550
850
300
550
850
tS
Set-up Time
ps
—
SHIFT
400
150
—
400
150
—
400
150
—
S-IN
300
50
—
300
50
—
300
50
—
HOLD
750
350
—
750
350
—
750
350
—
EN
500
250
—
500
250
—
500
250
—
EV/OD
1300
850
—
1300
850
—
1300
850
—
BPAR
1300
850
—
1300
850
—
1300
850
—
B
1700 1100
—
1700 1100
—
1700 1100
—
tH
Hold Time
ps
—
SHIFT
200
–150
—
200
–150
—
200
–150
—
S-IN
300
–50
—
300
–50
—
300
–50
—
HOLD
100
–350
—
100
–350
—
100
–350
—
EN
100
–250
—
100
–250
—
100
–250
—
EV/OD
–200 –850
—–200 –850
—–200 –850
—
BPAR
–200 –850
—–200 –850
—–200 –850
—
B
–300 –1100
—–300 –1100
—–300 –1100
—
tr
Rise/Fall Time
300
700
1100
300
700
1100
300
700
1100
ps
—
tf
20% to 80%
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY10E193JC
J28-1
Commercial
SY10E193JCTR
J28-1
Commercial
SY100E193JC
J28-1
Commercial
SY100E193JCTR
J28-1
Commercial



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com