Electronic Components Datasheet Search
  English  ▼

X  

SY10E256 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10E256
Description  3-BIT 4:1 MUX-LATCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E256 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10E256 Datasheet HTML 1Page - Micrel Semiconductor SY10E256 Datasheet HTML 2Page - Micrel Semiconductor SY10E256 Datasheet HTML 3Page - Micrel Semiconductor SY10E256 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10E256
SY100E256
Micrel
Pin
State
Operation
SEL2
H
Output c/d Data
SEL1A
H
Input d Data
SEL1B
H
Input b Data
TRUTH TABLE
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
tPLH
Propagation Delay to Output
ps
—
tPHL
D
400
600
900
400
600
900
400
600
900
SEL1
550
775
1050
550
775
1050
550
775
1050
SEL2
450
650
900
450
650
900
450
650
900
LEN
350
500
800
350
500
800
350
500
800
MR
350
600
825
350
600
825
350
600
825
tS
Set-up Time
ps
—
D
400
275
—
400
275
—
400
275
—
SEL1
600
300
—
600
300
—
600
300
—
SEL2
500
250
—
500
250
—
500
250
—
tH
Hold Time
ps
—
D
300
–275
—
300
–275
—
300
–275
—
SEL1
100
–300
—
100
–300
—
100
–300
—
SEL2
200
–250
—
200
–250
—
100
–250
—
tRR
Reset Recovery Time
700
600
—
700
600
—
700
600
—
ps
—
tPW
Minimum Pulse Width, MR
400
——
400
——
400
——
ps
—
tskew
Within-Device Skew
—
50
——
50
——
50
—
ps
1
tr
Rise/Fall Time
275
475
700
275
475
700
275
475
700
ps
—
tf
20% to 80%
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
——
150
——
150
——
150
µA
—
IEE
Power Supply Current
mA
—
10E
—
69
83
—
69
83
—
69
83
100E
—
69
83
—
69
83
—
79
96
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY10E256JC
J28-1
Commercial
SY10E256JCTR
J28-1
Commercial
SY100E256JC
J28-1
Commercial
SY100E256JCTR
J28-1
Commercial
NOTE:
1. Within-device skew is defined as identical transitions on similar paths
through a device.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com