Electronic Components Datasheet Search
  English  ▼

X  

SY10E416 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10E416
Description  QUINT DIFFERENTIAL LINE RECEIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E416 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10E416 Datasheet HTML 1Page - Micrel Semiconductor SY10E416 Datasheet HTML 2Page - Micrel Semiconductor SY10E416 Datasheet HTML 3Page - Micrel Semiconductor SY10E416 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10E416
SY100E416
Micrel
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max. Unit
Condition
tPLH
Propagation Delay to Output
ps
—
tPHL
D (Diff)
250
350
500
250
350
500
250
350
500
D (SE)
200
350
550
200
350
550
200
350
550
tskew
Within-Device Skew
—
50
—
—
50
—
—
50
—
ps
1
tskew
Duty Cycle Skew, tPLH–tPHL
±10
±10
±10
ps
2
VPP (AC)
Minimum Input Swing
150
—
—
150
—
—
150
—
—
mV
3
tr
Rise/Fall Time
100
200
350
100
200
350
100
200
350
ps
—
tf
20–80%
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ. Max.
Unit
Condition
VBB
Output Reference Voltage
V—
10E
–1.38
—
–1.27 –1.35
—
–1.25 –1.31
—
–1.19
100E
–1.38
—
–1.26 –1.38
—
–1.26 –1.38
—
–1.26
IIH
Input HIGH Current
—
—
150
—
—
150
—
—
150
µA—
IEE
Power Supply Current
mA
—
10E
—
135
162
—
135
162
—
135
162
100E
—
135
162
—
135
162
—
155
186
VPP (DC)
Input Sensitivity
50
—
—
50
—
—
50
—
—
mV
1
VCMR
Common Mode Range
–1.5
—
0
–1.5
—
0
–1.5
—
0
V
2
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
NOTES:
1. Differential input voltage required to obtain a full ECL swing on the outputs.
2. VCMR is referenced to the most positive side of the differential input signal. Normal operation is obtained when the input signals are within the VCMR range
and the input swing is greater than VPP (min.) and <1V.
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
NOTES:
1. Within-device skew is defined as identical transitions on similar paths through a device.
2. Duty cycle skew defined only for differential operation when the delays are measured from the cross point of the inputs to the cross point of the outputs.
3. Minimum input swing for which AC parameters are guaranteed.
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY10E416JC
J28-1
Commercial
SY10E416JCTR
J28-1
Commercial
SY100E416JC
J28-1
Commercial
SY100E416JCTR
J28-1
Commercial



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com