Electronic Components Datasheet Search
  English  ▼

X  

SY10E431 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10E431
Description  3-BIT DIFFERENTIAL FLIP-FLOP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E431 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10E431 Datasheet HTML 1Page - Micrel Semiconductor SY10E431 Datasheet HTML 2Page - Micrel Semiconductor SY10E431 Datasheet HTML 3Page - Micrel Semiconductor SY10E431 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10E431
SY100E431
Micrel
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
VBB
Output Reference Voltage
V—
10E
–1.38
—
–1.27 –1.35
—
–1.25 –1.31
—
–1.19
100E
–1.38
—
–1.26 –1.38
—
–1.26 –1.38
—
–1.26
IIH
Input HIGH Current
—
—
150
—
—
150
—
—
150
µA—
IEE
Power Supply Current
mA
—
10E
—
110
132
—
110
132
—
110
132
100E
—
110
132
—
110
132
—
127
152
VCMR
Common Mode Range
–1.5
—
0
–1.5
—
0
–1.5
—
0
V
1
NOTES:
1. VCMR is referenced to the most positive side of the differential input signal. Normal operation is obtained when the input signals are within the VCMR range
and the input swing is greater than VPP (min.) and <1V.
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
fMAX
Max. Toggle Frequency
1100
1400
—
1100
1400
—
1100
1400
—
MHz
—
tPLH
Propagation Delay to Output
ps
—
tPHL
CLK (Diff)
450
600
750
450
600
750
450
600
750
CLK (SE)
400
600
800
400
600
800
400
600
800
R
550
725
925
550
725
925
550
725
925
S
550
725
925
550
725
925
550
725
925
tS
Set-up Time
ps
D
200
0
—
200
0
—
200
0
—
R
1000
700
—
1000
700
—
1000
700
—
1
S
1000
700
—
1000
700
—
1000
700
—
1
tH
Hold Time, D
200
0
—
200
0
—
200
0
—
ps
—
tPW
Minimum Pulse Width, CLK
400
—
—
400
—
—
400
—
—
ps
—
tskew
Within-Device Skew
—
50
—
—
50
—
—
50
—
ps
2
VPP (AC)
Minimum Input Swing
150
—
—
150
—
—
150
—
—
mV
3
tr
Rise/Fall Time
275
450
650
275
450
650
275
450
650
ps
—
tf
20% to 80%
NOTES:
1. These set-up times define the minimum time the CLK or SET/RESET input
must wait after the assertion of the RESET/SET input to assure the proper
operation of the flip-flop.
2. Within-device skew is defined as identical transitions on similar paths
through a device.
3. Minimum input swing for which AC parameters are guaranteed.
AC ELECTRICAL CHARACTERISTICS
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY10E431JC
J28-1
Commercial
SY10E431JCTR
J28-1
Commercial
SY100E431JC
J28-1
Commercial
SY100E431JCTR
J28-1
Commercial



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com