Electronic Components Datasheet Search
  English  ▼

X  

SY10E446JC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY10E446JC
Description  4-BIT PARALLEL-TO-SERIAL CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E446JC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY10E446JC Datasheet HTML 1Page - Micrel Semiconductor SY10E446JC Datasheet HTML 2Page - Micrel Semiconductor SY10E446JC Datasheet HTML 3Page - Micrel Semiconductor SY10E446JC Datasheet HTML 4Page - Micrel Semiconductor SY10E446JC Datasheet HTML 5Page - Micrel Semiconductor SY10E446JC Datasheet HTML 6Page - Micrel Semiconductor SY10E446JC Datasheet HTML 7Page - Micrel Semiconductor SY10E446JC Datasheet HTML 8Page - Micrel Semiconductor SY10E446JC Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
SY10E446
SY100E446
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max. Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
fMAX
Max. Conversion Frequency
1.3
1.6
—
1.3
1.6
—
1.3
1.6
—
Gb/s
—
NRZ
tPD
Propagation Delay to Output
ps
—
CLK to SOUT
1000
1400
1700 1000
1400
1700
1000
1400
1700
CLK to CL/4
500
800
1100
500
800
1100
500
800
1100
CLK to CL/8
800
1100
1400
800
1100
1400
800
1100
1400
SYNC to CL/4, CL/8
500
800
1100
500
800
1100
500
800
1100
tS
Set-up Time
ps
—
SIN
–200
–400
—–200
–400
—–200
–400
—
Dn
–200
–400
—–200
–400
—–200
–400
—
Mode
0
–250
—
0
–250
—
0
–250
—
tH
Hold Time
ps
—
SIN
750
550
—
750
550
—
750
550
—
Dn
800
600
—
800
600
—
800
600
—
Mode
500
300
—
500
300
—
500
300
—
tRR
Reset Recovery Time
500
200
—
500
200
—
500
200
—
ps
—
tPW
Minimum Pulse Width
400
——
400
——
400
——
ps
—
CLK, MR
tr
Rise/Fall Time
ps
20–80%
tf
SOUT
100
225
350
100
225
350
100
225
350
Other
200
425
650
200
425
650
200
425
650
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
——
150
——
150
——
150
µA
—
VOH
Output HIGH Voltage
V1
(SOUT Only) 10E
–1020
—–790
–980
—–760
–910
—–670
(SOUT Only) 100E
–1025
—–830 –1025
—–830 –1025
—–830
VBB
Output Reference Voltage
V
—
10E
–1.38
—–1.27 –1.35
—–1.25 –1.31
—–1.19
100E
–1.38
—–1.26 –1.38
—–1.26 –1.38
—–1.26
IEE
Power Supply Current
mA
—
10E
—
110
132
—
110
132
—
110
132
100E
—
110
132
—
110
132
—
127
152
Note:
1. The maximum VOH limit was relaxed from standard ECL due to the high frequency output design. All other outputs are specified with the standard 10E
and 100E VOH levels.
TRUTH TABLE
Mode
Conversion
L
4-Bit
H
8-Bit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com