Electronic Components Datasheet Search
  English  ▼

X  

SY10E451 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10E451
Description  6-BIT REGISTER DIFFERENTIAL DATA CLOCK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E451 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10E451 Datasheet HTML 1Page - Micrel Semiconductor SY10E451 Datasheet HTML 2Page - Micrel Semiconductor SY10E451 Datasheet HTML 3Page - Micrel Semiconductor SY10E451 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10E451
SY100E451
Micrel
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = 25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
VBB
Output Reference Voltage
V
—
10E
–1.38
—–1.27 –1.35
—–1.25 –1.31
—–1.19
100E
–1.38
—–1.26 –1.38
—–1.26 –1.38
—–1.26
IIH
Input HIGH Current
——
150
——
150
——
150
µA
—
IEE
Power Supply Current
mA
—
10E
—
84
101
—
84
101
—
84
101
100E
—
84
101
—
84
101
—
97
116
VCMR
Common Mode Range
–2.0
—–0.4
–2.0
—–0.4
–2.0
—–0.4
V
1
NOTE:
1. VCMR is referenced to the most psitive side of the differential input signal. Normal operation is obtained when the "HIGH" input is within the VCMR
range and the input swing is greater than VPP(min) and < 1V.
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
fMAX
Max. Toggle Frequency
1100 1400
—
1100 1400
—
1100 1400
—
MHz
—
tPLH
Propagation Delay to Output
ps
—
tPHL
CLK (Diff)
475
650
800
475
650
800
475
650
800
CLK (SE)
425
650
850
425
650
850
425
650
850
MR
425
600
850
425
600
850
425
600
850
tS
Set-up Time, D
150
–100
—
150
–100
—
150
–100
—
ps
—
tH
Hold Time, D
250
100
—
250
100
—
250
100
—
ps
—
VPP (AC)
Minimum Input Swing
150
——
150
——
150
——
mV
1
tRR
Reset Recovery Time
750
600
—
750
600
—
750
600
—
ps
—
tPW
Minimum Pulse Width
400
——
400
——
400
——
ps
—
CLK, MR
tskew
Within-Device Skew
—
100
——
100
——
100
—
ps
2
tr
Rise/Fall Time
275
450
800
275
450
800
275
450
800
ps
—
tf
20% to 80%
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY10E451JC
J28-1
Commercial
SY10E451JCTR
J28-1
Commercial
SY100E451JC
J28-1
Commercial
SY100E451JCTR
J28-1
Commercial
NOTES:
1. Minimum input voltage for which AC parameters are guaranteed.
2. Within-device skew is defined as identical transitions on similar paths through a device.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com