Electronic Components Datasheet Search
  English  ▼

X  

SY10E452 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10E452
Description  5-BIT DIFFERENTIAL REGISTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E452 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10E452 Datasheet HTML 1Page - Micrel Semiconductor SY10E452 Datasheet HTML 2Page - Micrel Semiconductor SY10E452 Datasheet HTML 3Page - Micrel Semiconductor SY10E452 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10E452
SY100E452
Micrel
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = -40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VBB
Output Reference
10E -1.43
—
-1.30
-1.38
—
-1.27
-1.35
—
-1.25
-1.31
—
-1.19
V
Voltage
100E -1.38
—
-1.26
-1.38
—
-1.26
-1.38
—
-1.26
-1.38
—
-1.26
IIH
Input HIGH Current
—
—
150
—
—
150
—
—
150
—
—
150
µA
IEE
Power Supply
10E
—
74
89
—
74
89
—
74
89
—
74
89
mA
Current
100E
—
74
89
—
74
89
—
74
89
—
85
102
VCMR
Common Mode Range(1)
-2.0
—
-0.4
-2.0
—
-0.4
-2.0
—
-0.4
-2.0
—
-0.4
V
NOTE:
1. VCMR is referenced to the most positive side of the differential input signal. Normal operation is obtained when the input signals are within the VCMR range
and the input swing is greater than VPP (min.) and <1V.
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = -40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
fMAX
Max. Toggle Frequency
1000
1400
—
1100
1400
—
1100
1400
—
1100
1400
—
MHz
tPLH
Propagation Delay to
ps
tPHL
Output
CLK (Diff)
425
600
850
475
600
800
475
600
800
475
600
800
CLK (SE)
375
600
900
425
600
850
425
600
850
425
600
850
MR
375
625
900
425
625
850
425
625
850
425
625
850
tS
Set-up Time, D
175
–50
—
150
–50
—
150
–50
—
150
–50
—
ps
tH
Hold Time, D
225
50
—
200
50
—
200
50
—
200
50
—
ps
tRR
Reset Recovery Time
750
450
—
700
450
—
700
450
—
700
450
—
ps
tPW
Minimum Pulse Width
ps
CLK
400
—
—
400
—
—
400
—
—
400
—
—
MR
400
—
—
400
—
—
400
—
—
400
—
—
tskew
Within-Device Skew(1)
—
50
—
—
50—
—50—
—50—
ps
VPP (AC)
Minimum Input Swing(2)
150
—
—
150
—
—
150
—
—
150
—
—
mV
tr
Rise/Fall Time
250
475
725
275
475
675
275
475
675
275
475
675
ps
tf
20–80%
NOTES:
1. Within-device skew is defined as identical transitions on similar paths through a device.
2. Minimum input swing for which AC parameters are guaranteed.
Ordering
Package
Operating
Code
Type
Range
SY10E452JI
J28-1
Industrial
SY10E452JITR
J28-1
Industrial
SY100E452JI
J28-1
Industrial
SY100E452JITR
J28-1
Industrial
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY10E452JC
J28-1
Commercial
SY10E452JCTR
J28-1
Commercial
SY100E452JC
J28-1
Commercial
SY100E452JCTR
J28-1
Commercial



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com