Electronic Components Datasheet Search
  English  ▼

X  

SY10EL07 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10EL07
Description  2-INPUT XOR/XNOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EL07 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10EL07 Datasheet HTML 1Page - Micrel Semiconductor SY10EL07 Datasheet HTML 2Page - Micrel Semiconductor SY10EL07 Datasheet HTML 3Page - Micrel Semiconductor SY10EL07 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10EL07
SY100EL07
Micrel
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
tPLH
Propagation Delay to
90
250
435
140
250
385
150
260
395
170
280
415
ps
tPHL
Output D
tr
Output Rise/Fall Times Q
100
225
350
100
225
350
100
225
350
100
225
350
ps
tf
(20% to 80%)
DC ELECTRICAL CHARACTERISTICS
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IEE
Power Supply Current
mA
10EL
—
14
17
11
14
17
11
14
17
11
14
17
100EL
—
14
17
11
14
17
11
14
17
13
16
20
VEE
Power Supply Voltage
V
10EL –4.75
–5.2
–5.5
–4.75
–5.2
–5.5
–4.75
–5.2
–5.5
–4.75
–5.2
–5.5
100EL –4.20
–4.5
–5.5
–4.20
–4.5
–5.5
–4.20
–4.5
–5.5
–4.20
–4.5
–5.5
IIH
Input HIGH Current
µA
D0
—
—
250
—
—
250
—
—
250
—
—
250
D1
—
—
150
—
—
150
—
—
150
—
—
150
VEE = VEE (Min.) to VEE (Max.); VCC = GND
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = GND
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY10EL07ZC
Z8-1
Commercial
SY10EL07ZCTR
Z8-1
Commercial
SY100EL07ZC
Z8-1
Commercial
SY100EL07ZCTR
Z8-1
Commercial



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com