Electronic Components Datasheet Search
  English  ▼

X  

SY10EL31 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10EL31
Description  D FLIP-FLOP WITH SET AND RESET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EL31 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10EL31 Datasheet HTML 1Page - Micrel Semiconductor SY10EL31 Datasheet HTML 2Page - Micrel Semiconductor SY10EL31 Datasheet HTML 3Page - Micrel Semiconductor SY10EL31 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10EL31
SY100EL31
Micrel
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
fMAX
Maximum Toggle
20
2.5
—
2.2
2.8
—
2.2
2.8
—
2.2
2.8
—
GHz
Frequency
tPLH
Propagation Delay to
ps
tPHL
Output
CLK
315
465
630
365
465
580
375
475
590
430
530
645
S, R
295
455
630
345
455
580
355
465
590
400
510
645
tS
Set-up Time
150
0
—
150
0
—
150
0
—
150
0
—
ps
tH
Hold Time
250
100
—
250
100
—
250
100
—
250
100
—
ps
tRR
Set/Reset Recovery
400
200
—
400
200
—
400
200
—
400
200
—
ps
tPW
Minimum Pulse Width
400
—
—
400
—
—
400
—
—
400
—
—
ps
CLK, Set, Reset
tr
Output Rise/Fall Times Q
100
225
350
100
225
350
100
225
350
100
225
350
ps
tf
(20% to 80%)
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = GND
DC ELECTRICAL CHARACTERISTICS
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IEE
Power Supply Current
mA
10EL
—
27
32
18
27
32
18
27
32
18
27
32
100EL
—
27
32
18
27
32
18
27
32
21
31
37
VEE
Power Supply Voltage
V
10EL
–4.75
–5.2
–5.5
–4.75
–5.2
–5.5
–4.75
–5.2
–5.5
–4.75
–5.2
–5.5
100EL
–4.20
–4.5
–5.5
–4.20
–4.5
–5.5
–4.20
–4.5
–5.5
–4.20
–4.5
–5.5
IIH
Input HIGH Current
—
—
150
—
—
150
—
—
150
—
—
150
µA
VEE = VEE (Min.) to VEE (Max.); VCC = GND
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY10EL31ZC
Z8-1
Commercial
SY10EL31ZCTR
Z8-1
Commercial
SY100EL31ZC
Z8-1
Commercial
SY100EL31ZCTR
Z8-1
Commercial



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com