Electronic Components Datasheet Search
  English  ▼

X  

SY10EL33 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10EL33
Description  5V/3.3V 첨 4 DIVIDER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EL33 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10EL33 Datasheet HTML 1Page - Micrel Semiconductor SY10EL33 Datasheet HTML 2Page - Micrel Semiconductor SY10EL33 Datasheet HTML 3Page - Micrel Semiconductor SY10EL33 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
ClockWorks™
SY10EL33/L
SY100EL33/L
Micrel
AC ELECTRICAL CHARACTERISTICS(1)
VEE (Min) to VEE (Max); VCC = GND
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
fMAX
Maximum Toggle
3.4
4.2
—
3.8
4.2
—
3.8
4.2
—
3.8
4.2
—
GHz
Frequency
tPLH
Prop. Delay to Output D
490
630
770
540
630
720
550
640
730
590
670
760
ps
tPHL
Reset to Q
310
460
610
360
460
560
360
460
560
380
480
580
VPP
Minimum Input Swing(2)
150
—
—
150
—
—
150
—
—
150
—
—
mV
tr
Output Rise/Fall Times Q
100
225
350
100
225
350
100
225
350
100
225
350
ps
tf
(20% to 80%)
NOTES:
1. Parametric values specified at:
5 volt Power Supply Range
100EL33 Series:
-4.2V to -5.5V.
10EL33 Series
-4.75V to -5.5V.
3 volt Power Supply Range
10/100EL33L Series:
-3.0V to -3.8V.
2. Minimum input swing for which AC parameters are guaranteed.
DC ELECTRICAL CHARACTERISTICS(1)
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IEE
Power Supply Current
mA
10EL
—
27
33
—
27
33
—
27
33
—
27
33
100EL
—
27
33
—
27
33
—
27
33
—
31
37
VBB
Output Reference
V
Voltage
10EL –1.43
—
–1.30 –1.38
—
–1.27 –1.35
—
–1.25 –1.31
—
–1.19
100EL –1.38
—
–1.26 –1.38
—
–1.26 –1.38
—
–1.26 –1.38
—
–1.26
IIH
Input HIGH Current
—
—
150
—
—
150
—
—
150
—
—
150
µA
VEE (Min) to VEE (Max); VCC = GND
NOTE:
1. Parametric values specified at:
5 volt Power Supply Range
100EL33 Series:
-4.2V to -5.5V.
10EL33 Series
-4.75V to -5.5V.
3 volt Power Supply Range
10/100EL33L Series:
-3.0V to -3.8V.
PRODUCT ORDERING CODE
3.3V
5V
Ordering
Package
Operating
VEE Range
Code
Type
Range
(V)
SY10EL33LZC
Z8-1
Commercial
-3.0 to -3.8
SY10EL33LZCTR
Z8-1
Commercial
-3.0 to -3.8
SY100EL33LZC
Z8-1
Commercial
-3.0 to -3.8
SY100EL33LZCTR
Z8-1
Commercial
-3.0 to -3.8
Ordering
Package
Operating
VEE Range
Code
Type
Range
(V)
SY10EL33ZC
Z8-1
Commercial
-4.75 to -5.5
SY10EL33ZCTR
Z8-1
Commercial
-4.75 to -5.5
SY100EL33ZC
Z8-1
Commercial
-4.2 to -5.5
SY100EL33ZCTR
Z8-1
Commercial
-4.2 to -5.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com