Electronic Components Datasheet Search
  English  ▼

X  

SY10EL34 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10EL34
Description  5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EL34 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10EL34 Datasheet HTML 1Page - Micrel Semiconductor SY10EL34 Datasheet HTML 2Page - Micrel Semiconductor SY10EL34 Datasheet HTML 3Page - Micrel Semiconductor SY10EL34 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
ClockWorks™
SY10EL34/L
SY100EL34/L
Micrel
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IEE
Power Supply
10EL
—
—
49
—
—
49
—
—
49
—
—
49
mA
Current
100EL
—
—
49
—
—
49
—
—
49
—
—
54
VBB
Output Reference 10EL –1.43
—
–1.30 –1.38
—
–1.27 –1.35
—
–1.25 –1.31
—
–1.19
V
Voltage
100EL –1.38
—
–1.26 –1.38
—
–1.26 –1.38
—
–1.26 –1.38
—
–1.26
IIH
Input High Current
—
—
150
—
—
150
—
—
150
—
—
150
µA
DC ELECTRICAL CHARACTERISTICS(1)
VEE = VEE (Min.) to VEE (Max.); VCC = GND
NOTE:
1. Parametric values specified at:
5 volt Power Supply Range
100EL34 Series:
-4.2V to -5.5V.
10EL34 Series
-4.75V to -5.5V.
3 volt Power Supply Range
10/100EL34L Series:
-3.0V to -3.8V.
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
tPLH
Propagation Delay to
ps
tPHL
Output
CLK
960
1100
1200
960
1100
1200
960
1100
1200
960
1100 1200
MR
650
800
1010
650
800
1010
650
800
1010
650
800
1010
tskew
Within-Device Skew(2)
—
—
50
—
—
50
—
—
50
—
—
50
ps
tS
Set-up Time EN
400
—
—
400
—
—
400
—
—
400
—
—
ps
tH
Hold Time EN
200
—
—
200
—
—
200
—
—
200
—
—
ps
VPP
Minimum Input Swing(3)
250
—
—
250
—
—
250
—
—
250
—
—
mV
VCMR
Common Mode Range(4)
–1.3
—
–0.4
–1.4
—
–0.4
–1.4
—
–0.4
–1.4
—
–0.4
V
tr
Output Rise/Fall Times
275
400
525
275
400
525
275
400
525
275
400
525
ps
tf
Q (20% – 80%)
VEE = VEE (Min.) to VEE (Max.); VCC = GND
AC ELECTRICAL CHARACTERISTICS(1)
NOTES:
1. Parametric values specified at:
5 volt Power Supply Range
100EL34 Series:
-4.2V to -5.5V.
10EL34 Series
-4.75V to -5.5V.
3 volt Power Supply Range
10/100EL34L Series:
-3.0V to -3.8V.
2. Skew is measured between outputs under identical transitions.
3. Minimum input swing for which AC parameters are guaranteed. The device will function reliably with differential inputs down to 100mV.
4. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified
range and the peak-to-peak voltage lies between VPP min. and 1V. The lower end of the CMR range varies 1:1 with VEE. The numbers in the spec table
assume a nominal VEE = –3.3V. Note for PECL operation, the VCMR (min) will be fixed at 3.3V – IVCMR (min)I.
TRUTH TABLE
CLK
EN
MR
Function
Z
L
L
Divide
ZZ
H
L
Hold Q0–2
X
X
H
Reset Q0–2
NOTE:
Z = LOW-to-HIGH transition
ZZ = HIGH-to-LOW transition



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com