Electronic Components Datasheet Search
  English  ▼

X  

SY10ELT21 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10ELT21
Description  DIFFERENTIAL PECL-to-TTL TRANSLATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10ELT21 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10ELT21 Datasheet HTML 1Page - Micrel Semiconductor SY10ELT21 Datasheet HTML 2Page - Micrel Semiconductor SY10ELT21 Datasheet HTML 3Page - Micrel Semiconductor SY10ELT21 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
ClockWorks™
SY10ELT21
SY100ELT21
Micrel
Symbol
Parameter
Value
Unit
V
CC
Power Supply Voltage
–0.5 to +7.0
V
V
I
PECL Input Voltage
0V to V
CC+0.5
V
V
O
Voltage Applied to
–0.5 to +5.5
V
Output at HIGH State
I
O
Current Applied to
Twice the
mA
Output at LOW State
Rated I
OL
T
store
Storage Temperature
–65 to +150
°C
T
A
Operating Temperature
–40 to +85
°C
NOTE:
1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS
are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections
of this data sheet. Exposure to ABSOLUTE MAXIMUM RATlNG conditions
for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
TRUTH TABLE
D/D
Q
LH
L
HL
H
Open
Open
L
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
Condition
I
OS
Output Short Circuit Current
–80
–200
–80
–200
–80
—
–200
–80
–200
mA
V
OUT = 0V
I
CC
Power Supply Current
—
20
—
20
—
14
20
—
20
mA
—
V
OH
Output HIGH Voltage
2.5
—
2.5
—
2.5
—
—
2.5
—
V
I
OH = –3.0mA
2.0
—
2.0
—
2.0
—
—
2.0
—
V
I
OH = –15mA
V
OL
Output LOW Voltage
—
0.5
—
0.5
—
—
0.5
—
0.5
V
I
OL = 24mA
TTL DC ELECTRICAL CHARACTERISTICS
V
CC = 4.75V to 5.25V
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
Condition
I
IH
Input HIGH Current
—
150
—
150
—
—
150
—
150
µA
I
IL
Input LOW Current
0.5
—
0.5
—
0.5
—
—
0.5
—
µA
V
IH
Input HIGH Voltage(2) 10ELT
3770
4110
3830
4160
3870
—
4190
3940
4280
mV
100ELT
3835
4120
3835
4120
3835
4120
3835
4120
V
IL
Input LOW Voltage(2)
10ELT
3050
3500
3050
3520
3050
—
3520
3050
3555
mV
100ELT
3190
3525
3190
3525
3190
—
3525
3190
3525
V
BB
Reference Output(2)
10ELT
3570
3700
3620
3730
3650
—
3750
3690
3810
mV
100ELT
3620
3740
3620
3740
3620
—
3740
3620
3740
PECL DC ELECTRICAL CHARACTERISTICS
V
CC = 4.75V to 5.25V
NOTES:
1. These values are for V
CC = 5.0V.
Level Specifications will vary 1:1 V
CC.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com