Electronic Components Datasheet Search
  English  ▼

X  

SY10H600 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10H600
Description  9-BIT TTL-TO-ECL WITH TTL, ECL ENABLE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H600 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10H600 Datasheet HTML 1Page - Micrel Semiconductor SY10H600 Datasheet HTML 2Page - Micrel Semiconductor SY10H600 Datasheet HTML 3Page - Micrel Semiconductor SY10H600 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10H600
SY100H600
Micrel
LOGIC DIAGRAM
DC ELECTRICAL CHARACTERISTICS
VCCT = 5.0V
± 10%; VEE = –4.75V to –5.5V (10H Version); VEE = –4.2V to –5.5V (100H Version)
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
IEE
Power Supply Current,
mA
—
ECL
10H
—
125
—
125
—
125
100H
—
122
—
123
—
132
ICCH
Power Supply Current,
—
48
—
48
—
48
mA
—
ICCL
TTL
—
50
—
50
—
50
LOGIC DIAGRAM
AC ELECTRICAL CHARACTERISTICS
VCCT = 5.0V
± 10%; VEE = –4.75V to –5.5V (10H Version); VEE = –4.2V to –5.5V (100H Version)
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
tPLH
Propagation Delay to Output
ns
50
Ω to –2.0V
tPHL
D
1.4
3.0
1.5
3.2
1.7
3.5
ENECL/ENTTL
1.8
3.7
1.9
3.9
2.0
4.1
tr
Output Rise/Fall Time
0.5
1.5
0.5
1.5
0.5
1.5
ns
50
Ω to –2.0V
tf
20% to 80%, 80% to 20%
LOGIC DIAGRAM
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY10H600JC
J28-1
Commercial
SY10H600JCTR
J28-1
Commercial
SY100H600JC
J28-1
Commercial
SY100H600JCTR
J28-1
Commercial
LOGIC DIAGRAM
TRUTH TABLE
ENECL
ENTTL
D
Q
HXH
H
HX
L
L
XH
H
H
XH
L
L
LL
X
L



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com