Electronic Components Datasheet Search
  English  ▼

X  

SY10H601 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10H601
Description  9-BIT ECL-TO-TTL WITH 3-STATE ENABLE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H601 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10H601 Datasheet HTML 1Page - Micrel Semiconductor SY10H601 Datasheet HTML 2Page - Micrel Semiconductor SY10H601 Datasheet HTML 3Page - Micrel Semiconductor SY10H601 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10H601
SY100H601
Micrel
LOGIC DIAGRAM
TRUTH TABLE
OEECL
OETTL
D
Q
LLL
L
LL
H
H
HX
X
Z
XHX
Z
Ordering
Package
Operating
Code
Type
Range
SY10H601JC
J28-1
Commercial
SY10H601JCTR
J28-1
Commercial
SY100H601JC
J28-1
Commercial
SY100H601JCTR
J28-1
Commercial
PRODUCT ORDERING CODE
DC ELECTRICAL CHARACTERISTICS
VCCT = 5.0V
± 10%; VEE = –4.75V to –5.5V (10H Version); VEE = –4.2V to –5.5V (100H Version)
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
IEE
Power Supply Current, ECL
—
46
—
46
—
50
mA
—
ICCH
Power Supply Current, TTL
—
110
—
110
—
110
mA
—
ICCL
—
110
—
110
—
110
ICCZ
—
105
—
105
—
105
IOS
Output Short Circuit Current
–100
–225
–100
–225
–100
–225
mA
VOUT = 0V
IOZH
Output Disable Current HIGH
—
50
—
50
—
50
µAVOUT = 2.7V
IOZL
Output Disable Current LOW
—–50
—–50
—–50
µAVOUT = 0.5V
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
tPLH
Propagation Delay to Output
1.7
4.8
1.7
4.8
1.7
4.8
ns
CL = 50pF
tPHL
3.4
9.6
3.4
9.6
3.4
9.6
CL = 200pF
tPLZ
Output Disable Time, OEECL
3.7
6.5
3.7
6.5
3.7
6.5
ns
CL = 50pF
tPHZ
5.4
13
5.4
13
5.4
13
CL = 200pF
tPLZ
Output Disable Time, OETTL
4.3
7.5
4.3
7.5
4.3
7.5
ns
CL = 50pF
tPHZ
7.0
15
7.0
15
7.0
15
CL = 200pF
tPZL
Output Enable Time, OEECL
3.5
6.0
3.5
6.0
3.5
6.0
ns
CL = 50pF
tPZH
5.0
12
5.0
12
5.0
12
CL = 200pF
tPZL
Output Enable Time, OETTL
4.2
7.0
4.2
7.0
4.2
7.0
ns
CL = 50pF
tPZH
6.0
14
6.0
14
6.0
14
CL = 200pF
tr
Output Rise/Fall Time
—
1.2
—
1.2
—
1.2
ns
CL = 50pF
tf
1.0V – 2.0V
—
3.0
—
3.0
—
3.0
CL = 200pF
LOGIC DIAGRAM
AC ELECTRICAL CHARACTERISTICS
VCCT = 5.0V
± 10%; VEE = –4.75V to –5.5V (10H Version); VEE = –4.2V to –5.5V (100H Version)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com