Electronic Components Datasheet Search
  English  ▼

X  

SY10H641JC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10H641JC
Description  SINGLE SUPPLY 1:9 PECL-TO-TTL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H641JC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10H641JC Datasheet HTML 1Page - Micrel Semiconductor SY10H641JC Datasheet HTML 2Page - Micrel Semiconductor SY10H641JC Datasheet HTML 3Page - Micrel Semiconductor SY10H641JC Datasheet HTML 4Page - Micrel Semiconductor SY10H641JC Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
ClockWorks™
SY10H641
SY100H641
Micrel
VT = VE = 5.0V
± 5%
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
IIH
Input HIGH Current
—
225
—
175
—
175
µA—
IIL
Input LOW Current
0.5
—
0.5
—
0.5
—
µA—
VIH
Input HIGH Voltage(1)
3.835
4.120
3.835
4.120
3.835
4.120
V
VE = 5.0V
VIL
Input LOW Voltage(1)
3.190
3.525
3.190
3.525
3.190
3.525
V
VE = 5.0V
VBB
Output Reference Voltage(1)
3.620
3.740
3.620
3.740
3.620
3.740
V
VE = 5.0V
NOTE:
1. VIH, VIL and VBB are referenced to VE and will vary 1:1 with the power supply. The levels shown are for VE = +5.0V.
10H ECL DC ELECTRICAL CHARACTERISTICS
VT = VE = 5.0V
± 5%
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
IIH
Input HIGH Current
—
225
—
175
—
175
µA—
IIL
Input LOW Current
0.5
—
0.5
—
0.5
—
µA—
VIH
Input HIGH Voltage(1)
3.830
4.160
3.870
4.190
3.940
4.280
V
VE = 5.0V
VIL
Input LOW Voltage(1)
3.050
3.520
3.050
3.520
3.050
3.555
V
VE = 5.0V
VBB
Output Reference Voltage(1)
3.620
3.730
3.650
3.750
3.690
3.810
V
VE = 5.0V
NOTE:
1. VIH, VIL and VBB are referenced to VE and will vary 1:1 with the power supply. The levels shown are for VE = +5.0V.
100H ECL DC ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS
VT = VE = 5.0V
± 5%
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
tPLH
Propagation Delay
5.0
6.0
4.8
5.8
5.3
6.3
ns
CL = 50pF
tPHL
D to Output
tskpp
Part-to-Part Skew(1,4)
—
1.0
—
1.0
—
1.0
ns
CL = 50pF
tskew++
Within-Device Skew(2,4)
—
0.5
—
0.5
—
0.5
ns
CL = 50pF
tskew– –
Within-Device Skew(3,4)
—
0.5
—
0.5
—
0.5
ns
CL = 50pF
tPLH
Propagation Delay
4.9
6.9
4.9
6.9
5.0
7.0
ns
CL = 50pF
tPHL
LEN to Output
tPLH
Propagation Delay
5.0
7.0
4.9
6.9
5.0
7.0
ns
CL = 50pF
tPHL
EN to Output
tr
Output Rise/Fall Time
—
1.7
—
1.7
—
1.7
ns
CL = 50pF
tf
0.8V to 2.0V
—
1.6
—
1.6
—
1.6
fMAX
Maximum Input Frequency(5,6)
135
—
135
—
135
—
MHz
CL = 50pF
—
Pulse Width
1.5
—
1.5
—
1.5
—
ns
—
—
Recovery Time
1.25
—
1.25
—
1.25
—
ns
—
tS
Set-up Time
0.5 (typ.)
0.5 (typ.)
0.5 (typ.)
ns
—
tH
Hold Time
0.5 (typ.)
0.5 (typ.)
0.5 (typ.)
ns
—
NOTES:
1. Device-to-Device Skew considering HIGH-to-HIGH transitions at common
power supply voltage.
2. Within-Device Skew considering HIGH-to-HIGH transitions at common
power supply voltage.
3. Within-Device Skew considering LOW-to-LOW transitions at common
power supply voltage.
4. All skew parameters are guaranteed but not tested.
5. Frequency at which output levels will meet a 0.8V to 2.0V minimum swing.
6. The fMAX value is specified as the minimum guaranteed maximum
frequency. Actual operational maximum frequency may be greater.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com