Electronic Components Datasheet Search
  English  ▼

X  

SY604 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY604
Description  125MHz TRIGGER PROGRAMMABLE TIMING EDGE VERNIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY604 Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY604 Datasheet HTML 1Page - Micrel Semiconductor SY604 Datasheet HTML 2Page - Micrel Semiconductor SY604 Datasheet HTML 3Page - Micrel Semiconductor SY604 Datasheet HTML 4Page - Micrel Semiconductor SY604 Datasheet HTML 5Page - Micrel Semiconductor SY604 Datasheet HTML 6Page - Micrel Semiconductor SY604 Datasheet HTML 7Page - Micrel Semiconductor SY604 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.: E
Amendment: /0
Issue Date: May, 1998
125MHz TRIGGER
PROGRAMMABLE TIMING
EDGE VERNIER
SY604
DESCRIPTION
FEATURES
Micrel-Synergy's SY604 is an ECL-compatible timing vernier
(delay generator) whose time delay is programmed via an 8-
bit code which is loaded concurrently with the circuit trigger.
The SY604 is fabricated in Micrel-Synergy's proprietary
ASSET™ bipolar process.
This device can be retriggered at speeds up to 125MHz,
with a delay span as short as 4ns. At minimum span, the
resolution is 4ns/255 = 15.7ps per step. The delay span is
externally adjustable up to 40ns. The SY604 employs
differential TRIGGER inputs, and produces a differential
OUTPUT pulse; all other control signals are single-ended
ECL. Edge delay is specified by an 8-bit input which is loaded
into the device with the TRIGGER. The output pulse width will
typically be 3.5ns.
The SY604 is commonly used in Automatic Test Equipment
to provide precise timing edge placement; it is also found in
many instrumentation and communications applications.
Micrel-Synergy's circuit design techniques coupled with
ASSET™ technology result in not only ultra-fast performance,
but allow device operation at lower power dissipation than
competing technologies. Outstanding reliability is achieved in
volume production.
s True 125MHz retrigger rate
s Pin-compatible with Bt604
s 15ps delay resolution
s Less than
± 1 LSB timing accuracy
s Differential TRIGGER inputs
s Delay spans from 4 to 40ns
s Compatible with 10KH ECL logic
s Lower power dissipation 350mW typical
s Available in 28-pin plastic (PLCC) or metal (MLCC)
J-lead package
BLOCK DIAGRAM
PIN CONFIGURATION
LATCH
I/V
8
8
+
LINEAR
RAMP
GENERATOR
D
R
FF
0 = STOP
1 = RUN
OUT
IEXT
D0 - D7
CE
TRIG
VBB
PULSE
GEN
DAC
D0
CE
COMP1
NC
VBB
NC
COMP2
IEXT
D1
D2
D3
D4
D5
D6
18
17
16
15
14
13
12
56
7
8
9
10 11
26
27
28
1
2
3
4
TOP VIEW
PLCC
J28-1
25 24 23
21 20 19
22
1


Similar Part No. - SY604

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SY600 LUMINIS-SY600 Datasheet
405Kb / 2P
Cast aluminum ventilated top cover.
SY602 LUMINIS-SY602 Datasheet
416Kb / 2P
Seamless extruded aluminum cylindrical housing
logo
Micrel Semiconductor
SY605 MICREL-SY605 Datasheet
79Kb / 8P
125MHz WRITE PROGRAMMABLE TIMING EDGE VERNIER
logo
Lumins Inc.
SY605 LUMINIS-SY605 Datasheet
364Kb / 2P
Cast aluminum ventilated top cover.
logo
Micrel Semiconductor
SY605JC MICREL-SY605JC Datasheet
79Kb / 8P
125MHz WRITE PROGRAMMABLE TIMING EDGE VERNIER
More results

Similar Description - SY604

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1023 DALLAS-DS1023 Datasheet
261Kb / 16P
8-Bit Programmable Timing Element
logo
Micrel Semiconductor
SY605 MICREL-SY605 Datasheet
79Kb / 8P
125MHz WRITE PROGRAMMABLE TIMING EDGE VERNIER
logo
Integrated Circuit Syst...
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
Programmable Timing Control Hub??for P4?
ICS950910 ICST-ICS950910 Datasheet
183Kb / 20P
Programmable Timing Control Hub for P4
logo
Vitesse Semiconductor C...
VSC6048 VITESSE-VSC6048 Datasheet
204Kb / 18P
High-Speed Octal Programmable Timing Generator
logo
PhaseLink Corporation
PL611S-18 PLL-PL611S-18 Datasheet
223Kb / 9P
0.5kHz-125MHz MHz to KHz Programmable ClockTM
logo
Dallas Semiconductor
DS1023S-25 DALLAS-DS1023S-25 Datasheet
257Kb / 16P
8-Bit Programmable Timing Element
logo
TE Connectivity Ltd
SCF TEC-SCF Datasheet
181Kb / 1P
4 user-programmable timing modes
logo
Maxim Integrated Produc...
DS1023 MAXIM-DS1023 Datasheet
257Kb / 16P
8-Bit Programmable Timing Element
070505
DS1123L MAXIM-DS1123L Datasheet
178Kb / 14P
3.3V, 8-Bit, Programmable Timing Element
Rev 2; 8/07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com