Electronic Components Datasheet Search
  English  ▼

X  

SY604JC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY604JC
Description  125MHz TRIGGER PROGRAMMABLE TIMING EDGE VERNIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY604JC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY604JC Datasheet HTML 1Page - Micrel Semiconductor SY604JC Datasheet HTML 2Page - Micrel Semiconductor SY604JC Datasheet HTML 3Page - Micrel Semiconductor SY604JC Datasheet HTML 4Page - Micrel Semiconductor SY604JC Datasheet HTML 5Page - Micrel Semiconductor SY604JC Datasheet HTML 6Page - Micrel Semiconductor SY604JC Datasheet HTML 7Page - Micrel Semiconductor SY604JC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SY604
Micrel
Symbol
Parameter
Min.
Typ.
Max.
MIn.
Typ.
Max.
Min.
Typ.
Max.
Unit
VIH
Input HIGH Voltage (10K)
-1170
—
-840
-1130
—
-810
-1070
—
-735
mV
VIL
Input LOW Voltage (10K)
-1950
—
-1480
-1950
—
-1480
-1950
—
-1450
mV
VOH
Output HIGH Voltage (10K)
-1020
-975
-840
-980
-920
-810
-920
-850
-735
mV
VOL
Output LOW Voltage (10K)
-1950
-1755
-1630
-1950
-1750
-1630
-1950
-1720
-1600
mV
IIH
Input High Current (Vin = VIH max)
—
100
150
—
100
150
—
100
150
µA
IIH
TRIG, TRIG
—
100
150
—
100
150
—
100
150
µA
IIL
Input Low Current (Vin = VIL min)
—
100
150
—
100
150
—
100
150
µA
IIL
TRIG, TRIG
—
100
150
—
100
150
—
100
150
µA
Output Delay Spans
DL
Differential Linearity Error**
—
±0.84
±0.9
—
±0.84
±0.9
—
±0.84
±0.9
LSB
IL
Integral Linearity Error**
—
±1.16
±1.25
—
±0.89
±1.0
—
±0.89
±1.0
VBB
VBB Output Voltage
-1.44
—
-1.25
-1.44
-1.35
-1.25
-1.44
—
-1.25
V
IEXT
IEXT for Tspans
Tspan = 4ns
1.80
2.38
2.80
1.80
2.38
2.80
1.80
2.38
2.80
mA
Tspan = 5ns
1.45
1.85
2.40
1.45
1.85
2.40
1.45
1.85
2.40
mA
Tspan = 10ns
0.70
0.93
1.20
0.70
0.93
1.20
0.70
0.93
1.20
mA
Tspan = 15ns
0.45
0.62
0.80
0.45
0.62
0.80
0.45
0.62
0.80
mA
Tspan = 20ns
0.34
0.46
0.60
0.34
0.46
0.60
0.34
0.46
0.60
mA
Tspan = 30ns
0.20
0.30
0.40
0.20
0.30
0.40
0.20
0.30
0.40
mA
Tspan with IEXT = 1.8 mA
(Tspan = Tmax - Tmin)
4.1
—
6.5
4.1
—
6.5
4.1
—
6.5
ns
Tmin
Minimum Delay Time*
Data = 00, Tspan = 5ns
—
2.8
3.8
—
2.8
3.8
—
2.8
3.8
ns
Tspan = 10ns
—
3.4
4.9
—
3.4
4.9
—
3.4
4.9
ns
Tspan = 15ns
—
4.0
6.0
—
4.0
6.0
—
4.0
6.0
ns
Tspan = 20ns
—
4.6
7.1
—
4.6
7.1
—
4.6
7.1
ns
Tspan = 25ns
—
5.2
8.2
—
5.2
8.2
—
5.2
8.2
ns
Tspan = 30ns
—
5.8
9.3
—
5.8
9.3
—
5.8
9.3
ns
IEE
VEE Supply Current
——
100
—
70
100
——
100
mA
TA = +0˚C
TA = +25˚C
TA = +70˚C
DC CHARACTERISTICS(1)
NOTE:
1. 10K series circuits are designed to meet the DC specifications shown in the table after thermal equilibrium has been established. The circuit is in a test
socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained. Outputs are terminated through a 50
Ω resistor
to -2.0 volts.
ABSOLUTE MAXIMUM RATING(1)
Symbol
Parameter
Value
Unit
VEE
Power Supply (VCC = 0V)
-8 to 0
V
VI
Input Voltage (VCC = 0V)
0 to VEE
V
IOUT
Output Current
mA
— Continuous
50
— Surge
100
TA
Operating Temperature Range
0 to +85
˚C
VEE
Operating Range(2)
-5.7 to -4.2
V
NOTES:
1. Beyond which device life may be impaired.
2. Parametric values specified at 10E Series: - 4.75V to - 5.5V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com