Electronic Components Datasheet Search
  English  ▼

X  

SY605JC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY605JC
Description  125MHz WRITE PROGRAMMABLE TIMING EDGE VERNIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY605JC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY605JC Datasheet HTML 1Page - Micrel Semiconductor SY605JC Datasheet HTML 2Page - Micrel Semiconductor SY605JC Datasheet HTML 3Page - Micrel Semiconductor SY605JC Datasheet HTML 4Page - Micrel Semiconductor SY605JC Datasheet HTML 5Page - Micrel Semiconductor SY605JC Datasheet HTML 6Page - Micrel Semiconductor SY605JC Datasheet HTML 7Page - Micrel Semiconductor SY605JC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
SY605
Micrel
AC CHARACTERISTICS
The information in this table is guaranteed but not 100% production tested.
See Figure 2 for a graphical representation.
Maximum Tspan (ns)
Minimum Trigger
Maintaining Linearity
Periods (ns)
of
±1 LSB
4.0
8.0
5.1
10.0
5.8
11.1
6.75
12.5
8.1
14.3
9.9
16.6
12.0
20.0
15.5
25.0
22.0
33.3
ECL input values are -0.9 to -1.7V, with input rise/fall times
≤ 2ns,
measured between the 20% and 80% points. Timing reference
points at 50% for inputs and outputs. OUT and OUT loading with 50
Ω
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
fMAX
Trigger Rate(1)
——
125
——
125
——
125
MHz
tWI
Trigger Width High
2.0
1.0
—
2.0
1.0
—
2.0
1.0
—
ns
tWO
Output Pulse Width High Time
2.5
3.5
4.5
2.5
3.5
4.5
2.5
3.5
4.5
ns
Output Pulse Rise/Fall Time (20/80%)
—
550
750
—
550
750
—
550
750
ps
tS
Output Pulse Spacing
Span = 4ns @ 1 LSB
8.0
——
8.0
——
8.0
——
ns
Minimum Delay Time vs. Tspan
∆ T00 / ns (Tspan = 5 to 10ns)
—
125
220
—
125
220
—
125
220
ps/ns
Output Delay
ns
1 LSB
Tspan (Tspan = Tmax - Tmin)
4.0
—
40
4.0
—
40
4.0
—
40
ns
1 LSB
Resolution (Tspan / 225)
15.7
—
157
15.7
—
157
15.7
—
157
ps
Tempo (5ns Span)
∆ Tspan /°C
—
2
——
2
——
2
—
ps/
°C
∆ Tmin /°C
—
2
——
2
——
2
—
ps/
°C
Power Supply Rejection
—
60
——
60
——
60
—
ps/V
(Data = 0-FF HEX, Tspan = 5ns)
tS
CE Setup Time
2.0
——
2.0
——
2.0
——
ns
tH
CE Hold Time
1.5
——
1.5
——
1.5
——
ns
tWH
WRITE Pulse Width High Time
2.0
——
2.0
——
2.0
——
ns
tDS
D0 - D7 Setup Time
1.0
——
1.0
——
1.0
——
ns
tDH
D0 - D7 Hold Time
1.5
——
1.5
——
1.5
——
ns
TA = +0
°CTA = +25°CTA = +70°C
Maximum Tspan and Trigger Rates
NOTE:
1. See chart below:
to -2.0V. Typical values are based on nominal temperature, i.e., and
nominal voltage, i.e., - 5.2V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com