Electronic Components Datasheet Search
  English  ▼

X  

HC5549 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HC5549
Description  Low Power SLIC with Battery Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5549 Datasheet(HTML) 2 Page - Intersil Corporation

  HC5549 Datasheet HTML 1Page - Intersil Corporation HC5549 Datasheet HTML 2Page - Intersil Corporation HC5549 Datasheet HTML 3Page - Intersil Corporation HC5549 Datasheet HTML 4Page - Intersil Corporation HC5549 Datasheet HTML 5Page - Intersil Corporation HC5549 Datasheet HTML 6Page - Intersil Corporation HC5549 Datasheet HTML 7Page - Intersil Corporation HC5549 Datasheet HTML 8Page - Intersil Corporation HC5549 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FN4539.3
Pinout
HC5549 (PLCC)
TOP VIEW
Ordering Information (PLCC Package Only)
PART NUMBER
48V
BAT
SW
POL
REV
RING
DELAY
DRIVER
2W
LOOP
BACK
LB = 53dB
TEMP.
RANGE °C
PACKAGE
PKG.
DWG. #
HC5549CM
••
•
•
•
•
0 to 70
28 Ld PLCC
N28.45
HC5549CMZ (Note)
••
•
•
•
•
0 to 70
28 Ld PLCC (Pb-free) N28.45
HC5549IM
••
•
•
•
•
-40 to 85
28 Ld PLCC
N28.45
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination
finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020C.
Device Operating Modes
OPERATING MODE
F2
F1
F0
E0 = 1
E0 = 0
DESCRIPTION
Low Power Standby
0
0
0
SHD
GKD
MTU compliant standby mode with active loop
detector.
Forward Active
0
0
1
SHD
GKD
Forward battery loop feed.
Unused
0
1
0
n/a
n/a
Reserved internal test mode.
Reverse Active
0
1
1
SHD
GKD
Reverse battery loop feed.
Ringing
1
0
0
RTD
RTD
Enabler internal ring trip detector.
Unused
1
0
1
n/a
n/a
Reserved internal test mode.
Unused
1
1
0
n/a
n/a
Reserved internal test mode.
Power Denial
1
1
1
n/a
n/a
Device shutdown.
RTD
CDC
VRX
-IN
VFB
VCC
VTX
SW-
E0
SW+
SWC
F2
F1
F0
5
6
7
8
9
10
11
12 13
14 15 16 17 18
1
2
3
4
19
20
21
22
23
24
25
26
27
28
HC5549



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com